Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC430F5135IRGZ Datasheet(HTML) 38 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
Table 42. Comparator_B Registers (Base Address: 08C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Comp_B control register 0
CBCTL0
00h
Comp_B control register 1
CBCTL1
02h
Comp_B control register 2
CBCTL2
04h
Comp_B control register 3
CBCTL3
06h
Comp_B interrupt register
CBINT
0Ch
Comp_B interrupt vector word
CBIV
0Eh
Table 43. AES Accelerator Registers (Base Address: 09C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
AES accelerator control register 0
AESACTL0
00h
Reserved
02h
AES accelerator status register
AESASTAT
04h
AES accelerator key register
AESAKEY
06h
AES accelerator data in register
AESADIN
008h
AES accelerator data out register
AESADOUT
00Ah
Table 44. LCD_B Registers (Base Address: 0A00h)
REGISTER DESCRIPTION
REGISTER
OFFSET
LCD_B control register 0
LCDBCTL0
000h
LCD_B control register 1
LCDBCTL1
002h
LCD_B blinking control register
LCDBBLKCTL
004h
LCD_B memory control register
LCDBMEMCTL
006h
LCD_B voltage control register
LCDBVCTL
008h
LCD_B port control register 0
LCDBPCTL0
00Ah
LCD_B port control register 1
LCDBPCTL1
00Ch
LCD_B charge pump control register
LCDBCTL0
012h
LCD_B interrupt vector word
LCDBIV
01Eh
LCD_B memory 1
LCDM1
020h
LCD_B memory 2
LCDM2
021h
...
LCD_B memory 14
LCDM14
02Dh
LCD_B blinking memory 1
LCDBM1
040h
LCD_B blinking memory 2
LCDBM2
041h
...
LCD_B blinking memory 14
LCDBM14
04Dh
38
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn