Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 27Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 28Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 29Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 30Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 31Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 32Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 33Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 34Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
Table 21. SYS Registers (Base Address: 0180h)
REGISTER DESCRIPTION
REGISTER
OFFSET
System control
SYSCTL
00h
Bootstrap loader configuration area
SYSBSLC
02h
JTAG mailbox control
SYSJMBC
06h
JTAG mailbox input 0
SYSJMBI0
08h
JTAG mailbox input 1
SYSJMBI1
0Ah
JTAG mailbox output 0
SYSJMBO0
0Ch
JTAG mailbox output 1
SYSJMBO1
0Eh
Bus Error vector generator
SYSBERRIV
18h
User NMI vector generator
SYSUNIV
1Ah
System NMI vector generator
SYSSNIV
1Ch
Reset vector generator
SYSRSTIV
1Eh
Table 22. Shared Reference Registers (Base Address: 01B0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Shared reference control
REFCTL
00h
Table 23. Port Mapping Control Registers (Base Address: 01C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port mapping key register
PMAPKEYID
00h
Port mapping control register
PMAPCTL
02h
Table 24. Port Mapping Port P1 Registers (Base Address: 01C8h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P1.0 mapping register
P1MAP0
00h
Port P1.1 mapping register
P1MAP1
01h
Port P1.2 mapping register
P1MAP2
02h
Port P1.3 mapping register
P1MAP3
03h
Port P1.4 mapping register
P1MAP4
04h
Port P1.5 mapping register
P1MAP5
05h
Port P1.6 mapping register
P1MAP6
06h
Port P1.7 mapping register
P1MAP7
07h
Table 25. Port Mapping Port P2 Registers (Base Address: 01D0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P2.0 mapping register
P2MAP0
00h
Port P2.1 mapping register
P2MAP2
01h
Port P2.2 mapping register
P2MAP2
02h
Port P2.3 mapping register
P2MAP3
03h
Port P2.4 mapping register
P2MAP4
04h
Port P2.5 mapping register
P2MAP5
05h
Port P2.6 mapping register
P2MAP6
06h
Port P2.7 mapping register
P2MAP7
07h
Table 26. Port Mapping Port P3 Registers (Base Address: 01D8h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P3.0 mapping register
P3MAP0
00h
Port P3.1 mapping register
P3MAP3
01h
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
31


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn