Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPE561DF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJPE561DF
Description  High Power Type PF, PE, PC, PA, PB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPE561DF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJPE561DF Datasheet HTML 1Page - Panasonic Semiconductor ELJPE561DF Datasheet HTML 2Page - Panasonic Semiconductor ELJPE561DF Datasheet HTML 3Page - Panasonic Semiconductor ELJPE561DF Datasheet HTML 4Page - Panasonic Semiconductor ELJPE561DF Datasheet HTML 5Page - Panasonic Semiconductor ELJPE561DF Datasheet HTML 6Page - Panasonic Semiconductor ELJPE561DF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6
±0.2
3.2
±0.3
Marking
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPA1R0MF
1.0
M : ±20 %
7.96
7
7.96
150
0.15
600
ELJPA1R5MF
1.5
110
0.18
550
ELJPA2R2MF
2.2
80
0.23
500
ELJPA3R3MF
3.3
58
0.28
400
ELJPA4R7MF
4.7
46
0.34
350
ELJPA6R8MF
6.8
38
0.42
300
ELJPA100KF
10
K : ±10 %
2.52
15
2.52
23
0.50
240
ELJPA120KF
12
21
0.60
230
ELJPA150KF
15
18
0.74
220
ELJPA180KF
18
17
0.90
205
ELJPA220KF
22
15
1.15
185
ELJPA270KF
27
13
1.45
165
ELJPA330KF
33
12
1.65
155
ELJPA390KF
39
11
1.90
145
ELJPA470KF
47
9.5
2.25
135
ELJPA560KF
56
8.5
3.30
110
ELJPA680KF
68
7.5
3.70
105
ELJPA820KF
82
7.0
4.20
100
ELJPA101KF
100
0.796
20
0.796
6.5
5.00
90
ELJPA121KF
120
6.0
7.00
75
ELJPA151KF
150
5.5
8.00
70
ELJPA181KF
180
5.0
9.50
65
ELJPA221KF
220
4.0
11.0
60
ELJPA271KF
270
3.5
14.5
55
ELJPA331KF
330
3.0
16.0
50
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PA/PA2 Type 3225 (1210)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
2000 pcs./Reel
Standard Parts(PA Type)
Nov. 2009


Similar Part No. - ELJPE561DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPE5N6KF PANASONIC-ELJPE5N6KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPE5N6KFA PANASONIC-ELJPE5N6KFA Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPE5N6KFA PANASONIC-ELJPE5N6KFA Datasheet
138Kb / 5P
   Chip Inductors High Power Type
ELJPE5N6KFA PANASONIC-ELJPE5N6KFA Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJPE561DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
LIGITEK electronics co....
L8Y8G55162-PF LIGITEK-L8Y8G55162-PF Datasheet
126Kb / 7P
   Pb BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com