Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRD1113 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # QRD1113
Description  REFLECTIVE OBJECT SENSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

QRD1113 Datasheet(HTML) 3 Page - QT Optoelectronics

  QRD1113 Datasheet HTML 1Page - QT Optoelectronics QRD1113 Datasheet HTML 2Page - QT Optoelectronics QRD1113 Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
100030A
QRD1113/1114
REFLECTIVE OBJECT SENSOR
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
TA - AMBIENT TEMPERATURE (˚C)
TA - AMBIENT TEMPERATURE (˚C)
REFLECTIVE SURFACE DISTANCE (mils)
1.60
10.0
1.0
0.8
0.6
0.4
0.2
0
1.00
0.10
0.01
.001
1.0
.9
0
-50
-25
25
50
75
0
-50
-25
25
50
75
100
0
10
20
30
40
50
1.40
1.20
1.00
0.20
0.60
0.40
0.20
0.1
102
101
10
1.0
10-1
10-2
10-3
1.0
10
100
Fig. 1 Forward Voltage vs.
Forward Current
Fig. 2 Normalized Collector Current vs.
Forward Current
Fig. 3 Normalized Collector Current vs.
Temperature
Fig. 4 Normalized Collector Dark Current vs.
Temperature
Fig. 5 Normalized Collector Current vs.
Distance
IF = 10 mA
VCE = 5 V
.8
.7
.6
.5
.4
.3
.2
.1
0
0
50
100
150
200
250
300
350
400
450
500
VCE = 5 V
D = .05"
IF = 20 mA
VCE = 5 V
VCE = 10 V
TYPICAL PERFORMANCE CURVES


Similar Part No. - QRD1113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
QRD1113 FAIRCHILD-QRD1113 Datasheet
456Kb / 4P
   Reflective Object Sensor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
ON Semiconductor
QRD1113 ONSEMI-QRD1113 Datasheet
616Kb / 6P
   Reflective Object Sensor
October, 2019 ??Rev. 3
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113_05 Datasheet
456Kb / 4P
   Reflective Object Sensor
More results

Similar Description - QRD1113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com