Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM26CGP Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # BYM26CGP
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 2.3A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYM26CGP Datasheet(HTML) 2 Page - Gulf Semiconductor

  BYM26CGP Datasheet HTML 1Page - Gulf Semiconductor BYM26CGP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BYM26AGP THRU BYM26EGP
1
Rev.A1
www.gulfsemi.com


Similar Part No. - BYM26CGP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM26C PHILIPS-BYM26C Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
logo
Galaxy Semi-Conductor H...
BYM26C BILIN-BYM26C Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Gulf Semiconductor
BYM26C GULFSEMI-BYM26C Datasheet
65Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 2.3A
logo
Shenzhen Luguang Electr...
BYM26C LUGUANG-BYM26C Datasheet
255Kb / 2P
   Sintered Glass Junction ,Ultrafast Avalanche Rectifier
BYM26C LUGUANG-BYM26C Datasheet
163Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - BYM26CGP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYM36AGP GULFSEMI-BYM36AGP Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 3.0A
BYM26E GULFSEMI-BYM26E Datasheet
68Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 2.3A
1N5620GP GULFSEMI-1N5620GP Datasheet
184Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26AGP GULFSEMI-BYV26AGP Datasheet
84Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?200V to 1000V CURRENT: 1.0A
BYV36AGP GULFSEMI-BYV36AGP Datasheet
231Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00 - 1000V CURRENT: 1.5A
GI1104 GULFSEMI-GI1104 Datasheet
117Kb / 2P
   SINTERED GLASS JUNCTION FAST EFFICIENT RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
RG1.5J GULFSEMI-RG1.5J Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com