Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4936G Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # 1N4936G
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4936G Datasheet(HTML) 2 Page - Gulf Semiconductor

  1N4936G Datasheet HTML 1Page - Gulf Semiconductor 1N4936G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4933G THRU 1N4937G
1
1Rev.A1
www.gulfsemi.com


Similar Part No. - 1N4936G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4936G TSC-1N4936G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Rectron Semiconductor
1N4936G RECTRON-1N4936G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
1N4936G WTE-1N4936G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
HY ELECTRONIC CORP.
1N4936G HY-1N4936G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Changzhou Shunye Electr...
1N4936G SY-1N4936G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1N4936G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GUF10A GULFSEMI-GUF10A Datasheet
159Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1200V CURRENT: 1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com