Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N25Q128 Datasheet(PDF) 63 Page - Numonyx B.V

Part No. N25Q128
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUMONYX [Numonyx B.V]
Homepage  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

N25Q128 Datasheet(HTML) 63 Page - Numonyx B.V

Back Button N25Q128 Datasheet HTML 59Page - Numonyx B.V N25Q128 Datasheet HTML 60Page - Numonyx B.V N25Q128 Datasheet HTML 61Page - Numonyx B.V N25Q128 Datasheet HTML 62Page - Numonyx B.V N25Q128 Datasheet HTML 63Page - Numonyx B.V N25Q128 Datasheet HTML 64Page - Numonyx B.V N25Q128 Datasheet HTML 65Page - Numonyx B.V N25Q128 Datasheet HTML 66Page - Numonyx B.V N25Q128 Datasheet HTML 67Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 185 page
background image
N25Q128 - 1.8 V
Memory organization
63/185
165
-
A50000
A5FFFF
164
-
A40000
A4FFFF
163
-
A30000
A3FFFF
162
-
A20000
A2FFFF
161
-
A10000
A1FFFF
160
-
A00000
A0FFFF
159
-
9F0000
9FFFFF
158
-
9E0000
9EFFFF
157
-
9D0000
9DFFFF
156
-
9C0000
9CFFFF
155
-
9B0000
9BFFFF
154
-
9A0000
9AFFFF
153
-
990000
99FFFF
152
-
980000
98FFFF
151
-
970000
97FFFF
150
-
960000
96FFFF
149
-
950000
95FFFF
148
-
940000
94FFFF
147
-
930000
93FFFF
146
-
920000
92FFFF
145
-
910000
91FFFF
144
-
900000
90FFFF
143
-
8F0000
8FFFFF
142
-
8E0000
8EFFFF
141
-
8D0000
8DFFFF
140
-
8C0000
8CFFFF
139
-
8B0000
8BFFFF
138
-
8A0000
8AFFFF
137
-
890000
89FFFF
136
-
880000
88FFFF
135
-
870000
87FFFF
134
-
860000
86FFFF
133
-
850000
85FFFF
132
-
840000
84FFFF
131
-
830000
83FFFF
Table 13.
Memory organization (bottom) (page 4 of 9)
Sector
Subsector
Address range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn