Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N25Q128 Datasheet(PDF) 62 Page - Numonyx B.V

Part No. N25Q128
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUMONYX [Numonyx B.V]
Homepage  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

N25Q128 Datasheet(HTML) 62 Page - Numonyx B.V

Back Button N25Q128 Datasheet HTML 58Page - Numonyx B.V N25Q128 Datasheet HTML 59Page - Numonyx B.V N25Q128 Datasheet HTML 60Page - Numonyx B.V N25Q128 Datasheet HTML 61Page - Numonyx B.V N25Q128 Datasheet HTML 62Page - Numonyx B.V N25Q128 Datasheet HTML 63Page - Numonyx B.V N25Q128 Datasheet HTML 64Page - Numonyx B.V N25Q128 Datasheet HTML 65Page - Numonyx B.V N25Q128 Datasheet HTML 66Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 185 page
background image
Memory organization
N25Q128 - 1.8 V
62/185
200
-
C80000
C8FFFF
199
-
C70000
C7FFFF
198
-
C60000
C6FFFF
197
-
C50000
C5FFFF
196
-
C40000
C4FFFF
195
-
C30000
C3FFFF
194
-
C20000
C2FFFF
193
-
C10000
C1FFFF
192
-
C00000
C0FFFF
191
-
BF0000
BFFFFF
190
-
BE0000
BEFFFF
189
-
BD0000
BDFFFF
188
-
BC0000
BCFFFF
187
-
BB0000
BBFFFF
186
-
BA0000
BAFFFF
185
-
B90000
B9FFFF
184
-
B80000
B8FFFF
183
-
B70000
B7FFFF
182
-
B60000
B6FFFF
181
-
B50000
B5FFFF
180
-
B40000
B4FFFF
179
-
B30000
B3FFFF
178
-
B20000
B2FFFF
177
-
B10000
B1FFFF
176
-
B00000
B0FFFF
175
-
AF0000
AFFFFF
174
-
AE0000
AEFFFF
173
-
AD0000
ADFFFF
172
-
AC0000
ACFFFF
171
-
AB0000
ABFFFF
170
-
AA0000
AAFFFF
169
-
A90000
A9FFFF
168
-
A80000
A8FFFF
167
-
A70000
A7FFFF
166
-
A60000
A6FFFF
Table 13.
Memory organization (bottom) (page 3 of 9)
Sector
Subsector
Address range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn