Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N25Q128 Datasheet(PDF) 60 Page - Numonyx B.V

Part No. N25Q128
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NUMONYX [Numonyx B.V]
Homepage  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

N25Q128 Datasheet(HTML) 60 Page - Numonyx B.V

Back Button N25Q128 Datasheet HTML 56Page - Numonyx B.V N25Q128 Datasheet HTML 57Page - Numonyx B.V N25Q128 Datasheet HTML 58Page - Numonyx B.V N25Q128 Datasheet HTML 59Page - Numonyx B.V N25Q128 Datasheet HTML 60Page - Numonyx B.V N25Q128 Datasheet HTML 61Page - Numonyx B.V N25Q128 Datasheet HTML 62Page - Numonyx B.V N25Q128 Datasheet HTML 63Page - Numonyx B.V N25Q128 Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 185 page
background image
Memory organization
N25Q128 - 1.8 V
60/185
11
B0000
BFFFF
10
A0000
AFFFF
9
90000
9FFFF
8
80000
8FFFF
7
70000
7FFFF
6
60000
6FFFF
5
50000
5FFFF
4
40000
4FFFF
3
30000
3FFFF
2
20000
2FFFF
1
10000
1FFFF
0
0
FFFF
Table 13.
Memory organization (bottom) (page 1 of 9)
Sector
Subsector
Address range
255
-
FF0000
FFFFFF
254
-
FE0000
FEFFFF
253
-
FD0000
FDFFFF
252
-
FC0000
FCFFFF
251
-
FB0000
FBFFFF
250
-
FA0000
FAFFFF
249
-
F90000
F9FFFF
248
-
F80000
F8FFFF
247
-
F70000
F7FFFF
246
-
F60000
F6FFFF
245
-
F50000
F5FFFF
244
-
F40000
F4FFFF
243
-
F30000
F3FFFF
242
-
F20000
F2FFFF
241
-
F10000
F1FFFF
240
-
F00000
F0FFFF
239
-
EF0000
EFFFFF
238
-
EE0000
EEFFFF
237
-
ED0000
EDFFFF
236
-
EC0000
ECFFFF
Table 12.
Memory organization (uniform) (page 8 of 8)
Sector
Address range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn