Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q128 Datasheet(PDF) 51 Page - Numonyx B.V

Part # N25Q128
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

N25Q128 Datasheet(HTML) 51 Page - Numonyx B.V

Back Button N25Q128 Datasheet HTML 47Page - Numonyx B.V N25Q128 Datasheet HTML 48Page - Numonyx B.V N25Q128 Datasheet HTML 49Page - Numonyx B.V N25Q128 Datasheet HTML 50Page - Numonyx B.V N25Q128 Datasheet HTML 51Page - Numonyx B.V N25Q128 Datasheet HTML 52Page - Numonyx B.V N25Q128 Datasheet HTML 53Page - Numonyx B.V N25Q128 Datasheet HTML 54Page - Numonyx B.V N25Q128 Datasheet HTML 55Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 185 page
background image
N25Q128 - 1.8 V
Protection modes
51/185
The N25Q128 is available in the following architecture versions:
Bottom version, 64 KB uniform sectors plus 8 bottom boot sectors (each with 16
subsectors),
Top version, 64 KB uniform sectors plus 8 top boot sectors (each with 16 subsectors)
Uniform version, 64 KB uniform sectors without any boot sectors and subsectors.
Table 11.
Protected area sizes (TB bit = 1)
Status Register Content
Memory Content
TB bit BP3 Bit PB2 Bit BP1 Bit BP0 Bit
Protected Area
Unprotected Area
1
0000None
All sectors (sectors 0 to 255)
1
0001
Lower 256th
(1/2 Mbit, sector 0)
Sectors 1 to 255
1
0010
Lower 128th
(1 Mbit, 2 sectors: 0 to 1)
Sectors 2 to 255
1
0011
Lower 64th
(2 Mbit, 4 sectors: 0 to 3)
Sectors 4 to 255
1
0100
Lower 32nd
(4 Mbit, 8 sectors: 0 to 7)
Sectors 8 to 255
1
0101
Lower 16th
(8 Mbit, 16 sectors: 0 to 15)
Sectors 16 to 255
1
0110
Lower 8th
(16 Mbit, 32 sectors: 0 to 31)
Sectors 33 to 255
1
0111
Lower quarter
(32 Mbit, 64 sectors: 0 to 63)
Upper 3 quarters (sectors 64 to
255)
1
1000
Lower half
(64 Mbit, 128 sectors: 0 to 127)
Upper half (sectors 128 to 255)
1
1001
All sectors
(128 Mbit, 256 sectors)
None
1
1010
All sectors
(128 Mbit, 256 sectors)
None
1
1011
All sectors
(128 Mbit, 256 sectors)
None
1
1100
All sectors
(128 Mbit, 256 sectors)
None
1
1101
All sectors
(128 Mbit, 256 sectors)
None
1
1110
All sectors
(128 Mbit, 256 sectors)
None
1
1111
All sectors
(128 Mbit, 256 sectors)
None


Similar Part No. - N25Q128

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A11E1240X MICRON-N25Q128A11E1240X Datasheet
1Mb / 83P
   Micron Serial NOR Flash Memory
N25Q128A11EF840x MICRON-N25Q128A11EF840x Datasheet
1Mb / 83P
   Micron Serial NOR Flash Memory
N25Q128A11ESE40G MICRON-N25Q128A11ESE40G Datasheet
1Mb / 82P
   Micron Serial NOR Flash Memory
More results

Similar Description - N25Q128

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
NP5Q128A13ESFC0E NUMONYX-NP5Q128A13ESFC0E Datasheet
1Mb / 56P
   128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com