Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72725DSER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72725DSER
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72725DSER Datasheet(HTML) 1 Page - Texas Instruments

  TPS72725DSER Datasheet HTML 1Page - Texas Instruments TPS72725DSER Datasheet HTML 2Page - Texas Instruments TPS72725DSER Datasheet HTML 3Page - Texas Instruments TPS72725DSER Datasheet HTML 4Page - Texas Instruments TPS72725DSER Datasheet HTML 5Page - Texas Instruments TPS72725DSER Datasheet HTML 6Page - Texas Instruments TPS72725DSER Datasheet HTML 7Page - Texas Instruments TPS72725DSER Datasheet HTML 8Page - Texas Instruments TPS72725DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
YFFPACKAGE
WCSP-4
(TopView)
OUT
B2
A2
B1
A1
IN
EN
GND
DSEPACKAGE
1,5mm
1,5mmSON-6
(TopView)
´
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
GROUNDPINCURRENTvsTEMPERATURE
-
40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
)
C
°
15
12
9
6
3
0
V
=2.1V
I
=0mA
IN
OUT
PSRRvsFREQUENCY
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=10mA
OUT
I
=200mA
OUT
TYPICALAPPLICATIONCIRCUIT
TPS727xx
GND
EN
IN
OUT
V
IN
V
OUT
1 F
Ceramic
m
On
Off
C
IN
C
OUT
TPS727xx
www.ti.com
SBVS128B – JUNE 2009 – REVISED APRIL 2010
250mA, Ultralow IQ, Fast Transient Response,
RF LOW-DROPOUT LINEAR REGULATOR
1
FEATURES
DESCRIPTION
234
Very Low Dropout:
The TPS727xx family of low-dropout (LDO) linear
regulators are ultralow quiescent current LDOs with
65mV Typical at 100mA
excellent
line
and
ultra-fast
load
transient
130mV Typical at 200mA
performance and are designed for power-sensitive
163mV Typical at 250mA
applications. The LDO output voltage level is preset
2% Accuracy Over Load/Line/Temperature
by
the
use
of
innovative
factory
EEPROM
programming.
A
precision
bandgap
and
error
Ultralow IQ: 7.9mA
amplifier provides overall 2% accuracy over load, line,
Excellent Load Transient Performance:±50mV
and temperature extremes. The TPS727xx family is
for 200mA Loading/Unloading Transient
available in 1,5mm x 1,5mm SON and wafer
chip-scale (WCSP) packages that make it ideal for
Available in Fixed-Output Voltages From 0.9V
handheld applications. This family of devices is fully
to 5V Using Innovative Factory EEPROM
specified over a temperature range of TJ = –40°C to
Programming
+125°C.
High PSRR: 70dB at 1kHz
Stable with a 1.0mF Ceramic Capacitor
Thermal Shutdown and Overcurrent Protection
Available in 4-Ball, 0,4mm Pitch Wafer-Level
Chip Scale and 1,5mm x 1,5mm SON Packages
APPLICATIONS
Wireless Handsets, Smart Phones, PDAs
MP3 Players and Other Handheld Products
Wireless LAN, Bluetooth®, Zigbee®
Remote Controls
Portable Consumer Products
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG.
3
Zigbee is a registered trademark of Zigbee Alliance.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS72725DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72725DSER TI1-TPS72725DSER Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72725DSER TI1-TPS72725DSER Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72725DSER TI-TPS72725DSER Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72725DSER TI1-TPS72725DSER Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS72725DSER TI-TPS72725DSER Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72725DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com