Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72718DSER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72718DSER
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72718DSER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS72718DSER Datasheet HTML 6Page - Texas Instruments TPS72718DSER Datasheet HTML 7Page - Texas Instruments TPS72718DSER Datasheet HTML 8Page - Texas Instruments TPS72718DSER Datasheet HTML 9Page - Texas Instruments TPS72718DSER Datasheet HTML 10Page - Texas Instruments TPS72718DSER Datasheet HTML 11Page - Texas Instruments TPS72718DSER Datasheet HTML 12Page - Texas Instruments TPS72718DSER Datasheet HTML 13Page - Texas Instruments TPS72718DSER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
I
(mA)=C
( F)
0.07(V/ s)+I
(mA)
m
m
LOAD
SOFTSTART
OUT
´
TPS727xx
SBVS128B – JUNE 2009 – REVISED APRIL 2010
www.ti.com
APPLICATION INFORMATION
ILIMIT × RLOAD. The PMOS pass transistor dissipates
The TPS727xx family belongs to a family of new
(VIN – VOUT) × ILIMIT until thermal shutdown is
generation LDO regulators that consume extremely
triggered and the device is turned off. As the device
low quiescent current while simulatenously delivering
cools down, it is turned on by the internal thermal
excellent PSRR with very little headroom (VIN – VOUT
shutdown circuit. If the fault condition continues, the
differential
voltage),
and
very
good
transient
device cycles between current limit and thermal
response. These features, combined with low noise
shutdown. See the Thermal Information section for
without a noise reduction pin in an ultrasmall
more details.
package,
make
this
device
ideal
for
portable
applications.
This
family
of
regulators
offers
The PMOS pass element in the TPS727xx has a
sub-bandgap
output
voltages,
current
limit
and
built-in body diode that conducts current when the
thermal protection, and is fully specified from –40°C
voltage at the OUT pin exceeds the voltage at the IN
to +125°C.
pin. This current is not limited, so if extended reverse
voltage operation is anticipated, external limiting to
5% of rated output current is recommended.
INPUT AND OUTPUT CAPACITOR
REQUIREMENTS
SOFT START
Although an input capacitor is not required for
stability, it is good analog design practice to connect
The startup current is given by Equation 1:
a 0.1mF to 1.0mF low equivalent series resistance
(1)
(ESR) capacitor across the IN pin and GND input of
the regulator. This capacitor counteracts reactive
This equation shows that soft-start current is directly
input sources and improves transient response, noise
proportional to COUT.
rejection,
and
ripple
rejection.
A
higher-value
The output voltage ramp rate is independent of COUT
capacitor may be necessary if large, fast rise-time
and load current, and has a typical value of 0.07V/ms.
load transients are anticipated, or if the device is not
located
close
to
the
power
source.
If
source
The TPS727xx automatically adjusts the soft-start
impedance is not sufficiently low, a 0.1mF input
current to supply both the load current and the COUT
capacitor may be necessary to ensure stability.
charge current. For example, if ILOAD = 0mA upon
enabling the LDO, ISOFT START = 1mF × 0.07 V/ms +
The TPS727xx is designed to be stable with standard
0mA = 70mA, the current that charges the output
ceramic capacitors with values of 1.0mF or larger at
capacitor.
the output. X5R- and X7R-type capacitors are best
because they have minimal variation in value and
If ILOAD = 200mA, ISOFT START = 1mF × 0.07V/ms +
ESR over temperature. Maximum ESR should be less
200mA = 270mA, the current required for charging
than 200m
Ω.
output capacitor and supplying the load current.
If the output capacitor and load are increased such
BOARD LAYOUT RECOMMENDATIONS TO
that the soft-start current exceeds the output current
IMPROVE PSRR AND NOISE PERFORMANCE
limit, it is clamped at the typical current limit of
To improve ac performance such as PSRR, output
400mA. For example, if COUT = 10mF and IOUT =
noise, and transient response, it is recommended that
200mA, 10mF × 0.07V/ms + 200mA = 900mA is not
the board be designed with separate ground planes
supplied. Instead, it is clamped at 400mA.
for VIN and VOUT, with the ground plane connected
only at the GND pin of the device. In addition, the
SHUTDOWN
ground connection for the output capacitor should
The enable pin (EN) is active high and is compatible
connect directly to the GND pin of the device. High
with standard and low voltage, TTL-CMOS levels.
ESR capacitors may degrade PSRR.
When shutdown capability is not required, EN can be
connected to the IN pin.
INTERNAL CURRENT LIMIT
The TPS727xx internal current limit helps protect the
regulator during fault conditions. During current limit,
the output sources a fixed amount of current that is
largely independent of output voltage. In such a case,
the output voltage is not regulated, and is VOUT =
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS72718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72718DSER TI-TPS72718DSER Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSER TI1-TPS72718DSER Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72718DSER TI1-TPS72718DSER Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSER TI-TPS72718DSER Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSER TI1-TPS72718DSER Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com