Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62401DRCRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62401DRCRG4
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62401DRCRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62401DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62401DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
V
:1.575V
400mA
out1
SW1
FB1
SW2
ADJ2
DEF_1
10 F
m
VIN2.5V – 6V
VIN
EN_1
EN_2
MODE/
DATA
TPS62401
GND
2.2 H
m
10 F
m
2.2 H
m
V
:1.8V
600mA
out2
10 F
m
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUTmA
VIN =3.6V
MODE/DATA =0
VOUT1=1.575V
VOUT2 =1.8V
TPS62400, TPS62401
TPS62402, TPS62403, TPS62404
www.ti.com
SLVS681E – JUNE 2006 – REVISED APRIL 2010
2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Check for Samples: TPS62400, TPS62401, TPS62402, TPS62403, TPS62404
1
FEATURES
DESCRIPTION
2
High Efficiency—Up to 95%
VIN Range From 2.5 V to 6 V
The TPS6240x device series are synchronous dual
step-down DC-DC converters optimized for battery
2.25 MHz Fixed Frequency Operation
powered portable applications. They provide two
Output Current 400 mA and 600 mA
independent output voltage rails powered by 1-cell
Adjustable Output Voltage From 0.6V to VIN
Li-Ion or 3-cell NiMH/NiCD batteries. The devices are
also suitable to operate from a standard 3.3V or 5V
Pin Selectable Output Voltage Supports
voltage rail.
Simple Dynamic Voltage Scaling
With an input voltage range of 2.5V to 6V the
EasyScale™ Optional One-Pin Serial Interface
TPS62400 is ideal to power portable applications like
Power Save Mode at Light Load Currents
smart phones, PDAs and other portable equipment.
180° Out of Phase Operation
With the EasyScale™ serial interface the output
Output Voltage Accuracy in PWM Mode ±1%
voltages can be modified during operation. The fixed
Typical 32-mA Quiescent Current for Both
output
voltage
versions
TPS62401,
TPS62402,
Converters
TPS62403, and TPS62404 support one pin controlled
simple Dynamic Voltage Scaling for low power
100% Duty Cycle for Lowest Dropout
processors.
Available in a 10-Pin QFN (3×3mm)
The TPS6240x operates at 2.25MHz fixed switching
frequency and enters the power save mode operation
APPLICATIONS
at light load currents to maintain high efficiency over
Cell Phones, Smart-phones
the
entire
load
current
range.
For
low
noise
PDAs, Pocket PCs
applications the devices can be forced into fixed
OMAP™ and Low Power DSP Supply
frequency PWM mode by pulling the MODE/DATA
Portable Media Players
pin
high.
In
the
shutdown
mode,
the
current
consumption is reduced to 1.2mA, typical. The
Digital Radio
devices allow the use of small inductors and
Digital Cameras
capacitors to achieve a small solution size.
The TPS62400 is available in a 10-pin leadless
package (3×3mm QFN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
EasyScale, OMAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62401DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62401DRCRG4 TI-TPS62401DRCRG4 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCRG4 TI-TPS62401DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCRG4 TI-TPS62401DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62401DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com