Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70AAJ-5-M0G Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 70AAJ-5-M0G
Description  70AA/Male - Modular Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70AAJ-5-M0G Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  70AAJ-5-M0G Datasheet HTML 1Page - Bourns Electronic Solutions 70AAJ-5-M0G Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.09
(.279)
A ± 0.20
(A ± .008)
0.9
(.035)
2.54
(.100)
2
3
1
4
2
CONTACT SPACING
5.18
(.204)
9.70
(.382)
1.27
(.050)
2.54
(.100)
TYP.
2.26
(.089)
TYP.
TYP.
TYP.
TYP.
5.94
(.234)
8.48
(.334)
0.76
(.030)
TYP.
HORIZONTAL
ENGAGEMENT
VERTICAL
ENGAGEMENT
CONTACT WIPE
20°
0.18
(.007)
MATING
SURFACE
2.54
(.100)
1.27
(.050)
12
TERMINAL NUMBERS
CONTACT NUMBERS
34
87
6
5
1
87
6
5
12
2-6 POSITIONS AVAILABLE
34
3
4
Features
2.54 mm pitch & height
2 to 6 precious metal contacts
End-to-end stackable
Twin hot contacts (symmetrical pad layout)
Pick & place compatible
High cycle life
■ RoHS compliant* - see processing
information on lead free modular contacts
70AA/Male - Modular Contact
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Dimensions
Materials & Finishes
Insulator....Glass reinforced thermoplastic,
UL 94V-0 rated, black
Contact.................................. Copper alloy
Finish
Underplating ................................. Nickel
Contact Area................................... Gold
Operating Characteristics
Electrical
Current Rating...................... 3 A/contact
Voltage Rating..................................60 V
Contact Resistance ...... 25 mohms max.
Dielectric Voltage .....................AC 500 V
Insulating Resistance .. 1000 Mohms min.
Operating Temperature
....................................... -55 °C to 125 °C
Mechanical
Vibration........................ 30 G, 10-2K Hz,
0.06 inches D.A.
Shock............................................ 100 G
Normal Force ................... 80 grams min.
at a working height of
0.25 mm (0.010 inches)
Durability...................10,000 cycles min.
How to Order
70AA J - 4 - M 0 G
Model
Terminal Style
J = SMT
Number of Contacts (N)
2 through 6
Gender
M = Male
Options
0 = Standard
Packaging Option
__ = Tube
G = Embossed Tape (750 pcs. per reel)
Number of
Contacts
Dimension
A
2
5.00
(.197)
3
7.54
(.297)
4
10.20
(.397)
5
12.62
(.497)
6
15.16
(.597)
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.3
UNLESS OTHERWISE NOTED
(.012)
Recommended PWB Layout
Electrical Schematic


Similar Part No. - 70AAJ-5-M0G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70AAJ-5-F0G BOURNS-70AAJ-5-F0G Datasheet
163Kb / 2P
   70AA/Female - Modular Contact
70AAJ-5-F1G BOURNS-70AAJ-5-F1G Datasheet
163Kb / 2P
   70AA/Female - Modular Contact
More results

Similar Description - 70AAJ-5-M0G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70AAJ-4-F0G BOURNS-70AAJ-4-F0G Datasheet
163Kb / 2P
   70AA/Female - Modular Contact
70ADJ-3-ML0G BOURNS-70ADJ-3-ML0G Datasheet
243Kb / 2P
   70AD/Male - Modular Contact
70ABJ-4-M0E BOURNS-70ABJ-4-M0E Datasheet
177Kb / 2P
   70AB/Male - Modular Contact
70AD BOURNS-70AD Datasheet
305Kb / 2P
   Modular Contact
70AA BOURNS-70AA Datasheet
188Kb / 2P
   Modular Contact
70ABJ-4-F0E BOURNS-70ABJ-4-F0E Datasheet
256Kb / 2P
   Modular Contact
70AB BOURNS-70AB Datasheet
256Kb / 2P
   Modular Contact
70ADJ-3-FL0G BOURNS-70ADJ-3-FL0G Datasheet
216Kb / 2P
   70AD/Female - Modular Contact
logo
WAGO Kontakttechnik Gmb...
2000-552 WAGO-2000-552 Datasheet
315Kb / 7P
   Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2000-554 WAGO-2000-554 Datasheet
276Kb / 8P
   Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com