Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2811 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP2811
Description  NOCAP Advanced Stereo Headphone Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2811 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP2811 Datasheet HTML 5Page - ON Semiconductor NCP2811 Datasheet HTML 6Page - ON Semiconductor NCP2811 Datasheet HTML 7Page - ON Semiconductor NCP2811 Datasheet HTML 8Page - ON Semiconductor NCP2811 Datasheet HTML 9Page - ON Semiconductor NCP2811 Datasheet HTML 10Page - ON Semiconductor NCP2811 Datasheet HTML 11Page - ON Semiconductor NCP2811 Datasheet HTML 12Page - ON Semiconductor NCP2811 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP2811
http://onsemi.com
9
TYPICAL OPERATING CHARACTERISTICS
Figure 17. THD vs. Frequency LEFT
@ Pout = 32 mW
Figure 18. THD vs. Frequency RIGHT
@ Pout = 32 mW
FREQUENCY (Hz)
100,000
10,000
1,000
100
10
0.001
0.01
0.1
1
Figure 19. THD vs. Frequency LEFT
@ Pout = 32 mW
Figure 20. THD vs. Frequency RIGHT
@ Pout = 32 mW
Figure 21. Maximum Output Power LEFT vs.
VP (THD+N < 1%)
Figure 22. Maximum Output Power LEFT vs.
VP (THD+N < 0.1%)
VP (V)
VP (V)
4.7
4.2
3.7
3.2
2.7
0
20
40
60
80
100
120
140
4.7
4.2
3.7
3.2
2.7
0
10
20
30
40
50
70
80
16 W out of Phase
VP = 2.7 V
VP = 3.6 V
VP = 5.0 V
FREQUENCY (Hz)
100,000
10,000
1,000
100
10
0.001
0.01
0.1
1
16 W out of Phase
FREQUENCY (Hz)
100,000
10,000
1,000
100
10
0.001
0.01
0.1
1
32 W out of Phase
FREQUENCY (Hz)
10,000
1,000
100
10
0.001
0.01
0.1
1
32 W out of Phase
100,000
−40°C
25°C
85°C
−40°C
25°C
85°C
60
VP = 2.7 V
VP = 3.6 V
VP = 5.0 V
VP = 2.7 V
VP = 3.6 V
VP = 5.0 V
VP = 2.7 V
VP = 3.6 V
VP = 5.0 V


Similar Part No. - NCP2811

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815AFCT2G ONSEMI-NCP2815AFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCCT2G ONSEMI-NCP2815BFCCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCT2G ONSEMI-NCP2815BFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
More results

Similar Description - NCP2811

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com