Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62122DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62122DRVT
Description  15V, 75mA High Efficient Buck Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62122DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62122DRVT Datasheet HTML 1Page - Texas Instruments TPS62122DRVT Datasheet HTML 2Page - Texas Instruments TPS62122DRVT Datasheet HTML 3Page - Texas Instruments TPS62122DRVT Datasheet HTML 4Page - Texas Instruments TPS62122DRVT Datasheet HTML 5Page - Texas Instruments TPS62122DRVT Datasheet HTML 6Page - Texas Instruments TPS62122DRVT Datasheet HTML 7Page - Texas Instruments TPS62122DRVT Datasheet HTML 8Page - Texas Instruments TPS62122DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TPS62120
TPS62122
www.ti.com
SLVSAD5 – JULY 2010
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage VIN, device in operation
2
15
V
VIN = 2 V, VOUT = 1.8 V, DCRL = 0.7 Ω
25
Output current capability
mA
VIN ≥ 2.5 V, VOUT = 1.8 V, DCRL = 0.7 Ω
75
Effective inductance
10
22
33
µH
Effective output capacitance
1.0
2
33
µF
Output voltage range
1.2
5.5
V
Operating ambient temperature TA
(1), (Unless Otherwise Noted)
–40
85
°C
Operating junction temperature range, TJ
–40
125
°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (qJA), as given by the following equation: TA(max) = TJ(max) – (qJA × PD(max)).
ELECTRICAL CHARACTERISTICS
VIN = 8V, VOUT = 1.8V, EN = VIN, TJ = –40°C to 85°C, typical values are at TJ = 25°C (unless otherwise noted), CIN = 4.7µF,
L = 22µH, COUT = 4.7µF, see Parameter Measurement Information
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
SUPPLY
VIN
Input voltage range(1)
Device operating
2
15
V
IOUT = 0mA, Device not switching, EN = VIN,
11
18
µA
regulator sleeps
IQ
Quiescent current
IOUT = 0mA, Device switching, VIN = 8 V, VOUT =
13
µA
1.8V
VIN = 5.5 V = VOUT, TJ = 25°C, high-side MOSFET
IActive
Active mode current consumption
240
275
µA
switch fully turned on
ISD
Shutdown current
EN = GND, VOUT = SW = 0 V, VIN = 3.6V
(2)
0.3
1.2
µA
Falling VIN
1.85
1.95
V
VUVLO
Undervoltage lockout threshold
Rising VIN
2.5
2.61
V
ENABLE, THRESHOLD
VIH TH
Threshold for detecting high EN
2 V
≤ VIN ≤ 15V, rising edge
0.8
1.1
V
VIL TH HYS
Threshold for detecting low EN
2 V
≤ VIN ≤ 15 V, falling edge
0.4
0.6
V
IIN
Input bias current, EN
EN = GND or VIN
0
50
nA
POWER SWITCH
VIN = 3.6 V
2.3
3.4
high-side MOSFET on-resistance
RDS(ON)
VIN = 8V
1.75
2.5
VIN = 3.6 V
1.3
2.5
low-side MOSFET on-resistance
VIN = 8V
1.2
1.75
Forward current limit MOSFET
ILIMF
VIN = 8V, Open loop
200
250
400
mA
high-side
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
(1)
The typical required supply voltage for startup is 2.5V. The part is functional down to the falling UVLO (Under Voltage Lockout) threshold
(2)
Shutdown current into VIN pin, includes internal leakage
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62120 TPS62122


Similar Part No. - TPS62122DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62120 TI-TPS62120_15 Datasheet
5Mb / 34P
[Old version datasheet]   TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
TPS62125 TI1-TPS62125 Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSG TI1-TPS62125DSG Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
TPS62125DSGR TI1-TPS62125DSGR Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSGT TI1-TPS62125DSGT Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
More results

Similar Description - TPS62122DRVT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2106 MPS-MP2106 Datasheet
291Kb / 11P
   1.5A, 15V, 800KHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
logo
Rohm
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com