Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62122DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62122DRVR
Description  15V, 75mA High Efficient Buck Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62122DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62122DRVR Datasheet HTML 1Page - Texas Instruments TPS62122DRVR Datasheet HTML 2Page - Texas Instruments TPS62122DRVR Datasheet HTML 3Page - Texas Instruments TPS62122DRVR Datasheet HTML 4Page - Texas Instruments TPS62122DRVR Datasheet HTML 5Page - Texas Instruments TPS62122DRVR Datasheet HTML 6Page - Texas Instruments TPS62122DRVR Datasheet HTML 7Page - Texas Instruments TPS62122DRVR Datasheet HTML 8Page - Texas Instruments TPS62122DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS62120
TPS62122
SLVSAD5 – JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 8V, VOUT = 1.8V, EN = VIN, TJ = –40°C to 85°C, typical values are at TJ = 25°C (unless otherwise noted), CIN = 4.7µF,
L = 22µH, COUT = 4.7µF, see Parameter Measurement Information
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
REGULATOR
tONmin
Minimum ON time
VIN = 3.6 V, VOUT = 1.8 V
700
ns
tOFFmin
Minimum OFF time
VIN = 3.6 V, VOUT = 1.8 V
60
ns
VREF
Internal reference voltage
0.8
V
Feedback FB voltage comparator
Referred to 0.8V internal reference
–2.5%
0% 2.5%
threshold
VFB
Feedback FB voltage line regulation
IOUT = 50 mA,
(3)
0.04
%/V
IIN
Input bias current FB
VFB = 0.8 V
0
50
nA
Time from active EN to device starts switching, VIN
tStart
Regulator start-up time
50
150
= 2.6V
µs
tRamp
Output voltage ramp time
Time to ramp up VOUT = 1.8V, no load
(4)
120
300
VOUT = VIN = VSW = 1.8 V, EN = GND, device in
ILK_SW
Leakage current into SW pin
1
1.5
µA
shutdown mode
POWER GOOD OUTPUT (TPS62120)
Rising VFB feedback voltage
93%
95%
97%
VTHPG
Power Good threshold voltage
Falling VFB feedback voltage
87%
90%
93%
Current into PG pin I = 500 µA, VOUT > 1.5 V
165
VOL
Output low voltage
mV
Current into PG pin I = 100 µA, 1.2 V < VOUT <1.5 V
50
VH
Output high voltage
Open drain output, external pull up resistor
5.5
V
Leakage current into PG pin
V(PG) = 1.8V, EN = high, FB = 0.85 V
0
50
nA
ILKG
Leakage into VOUT pin
V(OUT) = 1.8 V
0
50
nA
Internal power good comparator delay
TPGDL
VOUT = 1.8 V
2
5
µs
time
SGND OPEN DRAIN OUTPUT (TPS62120)
RDSON
NMOS drain source resistance
SGND = 1.8 V, VIN = 2 V
370
ILKG
Leakage current into SGND pin
EN = VIN, SGND = 1.8 V
0
50
nA
(3)
VOUT +1V ≤ VIN ; VOUT ≤ 5.5V
(4)
Maximum value not production tested
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS62120 TPS62122


Similar Part No. - TPS62122DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62120 TI-TPS62120_15 Datasheet
5Mb / 34P
[Old version datasheet]   TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
TPS62125 TI1-TPS62125 Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSG TI1-TPS62125DSG Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
TPS62125DSGR TI1-TPS62125DSGR Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSGT TI1-TPS62125DSGT Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
More results

Similar Description - TPS62122DRVR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2106 MPS-MP2106 Datasheet
291Kb / 11P
   1.5A, 15V, 800KHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
logo
Rohm
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com