Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62122 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62122
Description  15V, 75mA High Efficient Buck Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62122 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62122 Datasheet HTML 1Page - Texas Instruments TPS62122 Datasheet HTML 2Page - Texas Instruments TPS62122 Datasheet HTML 3Page - Texas Instruments TPS62122 Datasheet HTML 4Page - Texas Instruments TPS62122 Datasheet HTML 5Page - Texas Instruments TPS62122 Datasheet HTML 6Page - Texas Instruments TPS62122 Datasheet HTML 7Page - Texas Instruments TPS62122 Datasheet HTML 8Page - Texas Instruments TPS62122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
VIN
EN
FB
TPS62120
PG
L 22 H
m
SW
GND
SGND
VOUT
R pullup100kW
PWRGOOD
V
=2.5Vto15V
IN
C
4.7 F
IN
m
R
300k
1
W
R
240k
2
W
Cff
22pF
V
=1.8V
upto75mA
OUT
C
4.7 F
OUT
m
0.1
1
10
100
I -OutputCurrent-mA
O
30
40
50
60
70
80
90
100
V
=5.5V
IN
V
=8V
IN
V
=10V
IN
V
=12V
IN
V
=15V
IN
V =5V,
L =18 H,
LPS3015,
C =4.7 F
O
O
m
m
TPS62120
TPS62122
www.ti.com
SLVSAD5 – JULY 2010
15V, 75mA High Efficient Buck Converter
Check for Samples: TPS62120 , TPS62122
1
FEATURES
DESCRIPTION
Wide Input Voltage Range 2V to 15V
Up to 96% Efficiency
The TPS6212X device family is a high efficient
synchronous step down DC-DC converter optimized
Power Save Mode with 11 µA Quiescent
for low power applications. It supports up to 75mA
Current
output current and allows the use of tiny external
Output Current 75mA
inductors and capacitors.
Output Voltage Range 1.2V to 5.5V
The wide operating input voltage range of 2V to 15V
Up to 800kHz Switch Frequency
supports energy harvesting, battery powered and as
well 9V or 12V line powered applications.
Synchronous Converter, no External Rectifier
Low Output Ripple Voltage
With its advanced hysteretic control scheme the
converter provides power save mode operation. At
100% Duty Cycle for Lowest Dropout
light loads the converter operates in PFM mode
Small SOT 8 pin (TPS62120) and 2x2 SON 6
(pulse
frequency
modulation)
and
transitions
pin (TPS62122) Package
automatically in PWM (pulse width modulation) mode
Internal Soft Start
at higher load currents. The Power Save Mode
maintains high efficiency over the entire load current
Power Good Open Drain Output TPS62120
range. The hysteretic control scheme is optimized for
Open Drain Output for Output Discharge
low output ripple voltage in PFM mode in order to
TPS62120
reduce output noise to a minimum. It consumes only
2.5V Rising / 1.85V Falling UVLO Thresholds
10uA quiescent current from VIN in PFM mode
operation.
APPLICATIONS
In shutdown mode, the device is turned off.
Low Power RF Applications
An open drain power good output is available in the
Ultra Low Power Microprocessor
TPS62120 and indicates once the output voltage is in
Energy Harvesting
regulation.
Industrial Measuring
TPS62120 has an additional SGND pin which is
connected to GND during shutdown mode. This
output can be used to discharge the output capacitor.
The TPS62120 is available in a small 3×3 mm2 8 pin
SOT 23 package and the TPS62122 in a 2×2 mm2 6
pin SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62120 TI-TPS62120_15 Datasheet
5Mb / 34P
[Old version datasheet]   TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
TPS62125 TI1-TPS62125 Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSG TI1-TPS62125DSG Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
TPS62125DSGR TI1-TPS62125DSGR Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSGT TI1-TPS62125DSGT Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
More results

Similar Description - TPS62122

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2106 MPS-MP2106 Datasheet
291Kb / 11P
   1.5A, 15V, 800KHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
logo
Rohm
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com