Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61195 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61195
Description  TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61195 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61195 Datasheet HTML 2Page - Texas Instruments TPS61195 Datasheet HTML 3Page - Texas Instruments TPS61195 Datasheet HTML 4Page - Texas Instruments TPS61195 Datasheet HTML 5Page - Texas Instruments TPS61195 Datasheet HTML 6Page - Texas Instruments TPS61195 Datasheet HTML 7Page - Texas Instruments TPS61195 Datasheet HTML 8Page - Texas Instruments TPS61195 Datasheet HTML 9Page - Texas Instruments TPS61195 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TPS61195
SLVSA07 – MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, DPWM and EN=high, IFB current=20mA, IFB voltage=500mV, TA = –40°C to 85°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO
VDDIO pin output voltage
VIN > 5.5V, Iload = 5 mA
2.7
3.15
3.6
V
VIN = 12V, EN= low
10
IEN
Shutdown current
mA
15
VIN = 21V, EN= low
VIN ramp down
3.55
VIN_UVLO
VIN under-voltage lockout threshold
V
VIN ramp up
3.80
VIN_Hys
VIN under-voltage lockout hysterisis
250
mV
EN, SCL, SDA AND PWM
VH
EN Logic high threshold
1.2
V
VL
EN Logic Low threshold
0.4
VH
DPWM Logic high threshold
2.1
VL
DPWM Logic low threshold
0.7
V
VH
SDA, SCL Logical high threshold
2.1
VL
SDA, SCL Logical Low threshold
0.8
VSDA_L
SDA Logic low voltage
ISOURCE = 4 mA
0.4
V
RPD_EN
Pull down resistor on EN
400
800
1600
k
RPD_PWM
Pull down resistor on DPWM
400
800
1600
k
Pull down resistor on SCL and
RPD_SMBus
1
2
4
M
SDA
CURRENT REGULATION
VISET
ISET pin voltage
1.204
1.229
1.253
V
KISET
Current multiply IFB/ISET
IISET = 18.9 mA, D = 100%
1060
IISET = 18.9 mA, D = 100%
IFB_AVG
Average Current accuracy
-1.5%
+1.5%
TA=0°C to 85°C
IISET = 18.9 mA, D = 12.5%, analog
IFB_L
Low Current accuracy
-5%
+5%
TA=0°C to 85°C
IISET = 18.9 mA, D = 100%
Km
(Imax–Imin)/IAVG
1%
3%
TA=0°C to 85°C
IFB voltage = 15 V on all pins
5
Ileak
IFB pin leakage current
mA
IFB voltage = 5 V on all pins, total
1
IIFB_max
Current sink max output current
IFB = 450 mV
30
mA
Programmable current sink
IIFB_range
0
30
mA
regulator range
fdim
Internal PWM dimming frequency
RFDIM = 953K
190
210
230
Hz
BOOST OUTPUT REGULATION
VIFB_L
Output voltage dial up threshold
Measured on VIFB(min)
450
mV
VIFB_H
Output voltage dial down threshold
Measured on VIFB(min)
750
mV
POWER SWITCH
RPWM_SW
PWM FET on-resistance
VIN = 12V
0.15
0.35
ILN_NFET
PWM FET leakage current
VSW = 50V, TA = 25°C
2
mA
OSCILLATOR
fS
Oscillator frequency
RFSW = 523K
0.8
1.0
1.2
MHz
Dmax
Maximum duty cycle
IFB = 0V
94%
Dmin
Minimum duty cycle
RFSW = 523K
10%
OC, SC, OVP AND SS
ILIM
N-Channel MOSFET current limit
D = Dmax
2.5
4.5
A
VCLAMP_TH
Output voltage clamp program
1.90
1.95
2.00
threshold
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61195


Similar Part No. - TPS61195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUY TI-TPS61195RUY Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUYR TI-TPS61195RUYR Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
More results

Similar Description - TPS61195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
[Old version datasheet]   SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Allegro MicroSystems
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
   The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Micrel Semiconductor
MIC3263 MICREL-MIC3263 Datasheet
1,020Kb / 32P
   Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com