Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA330AIYFFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330AIYFFT
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330AIYFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA330AIYFFT Datasheet HTML 4Page - Texas Instruments OPA330AIYFFT Datasheet HTML 5Page - Texas Instruments OPA330AIYFFT Datasheet HTML 6Page - Texas Instruments OPA330AIYFFT Datasheet HTML 7Page - Texas Instruments OPA330AIYFFT Datasheet HTML 8Page - Texas Instruments OPA330AIYFFT Datasheet HTML 9Page - Texas Instruments OPA330AIYFFT Datasheet HTML 10Page - Texas Instruments OPA330AIYFFT Datasheet HTML 11Page - Texas Instruments OPA330AIYFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
1
600
500
400
300
200
100
0
10
Gain(dB)
100
0.001%
0.01%
4VStep
10
40
35
30
25
20
15
10
5
0
100
LoadCapacitance(pF)
1000
1s/div
1
1000
100
10
1000
100
10
1k
100
10
Frequency(Hz)
10k
CurrentNoise
VoltageNoise
Continueswithno1/f(flicker)noise.
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
-
1V
InputDifferentialVoltage(mV)
-
400
-
600
-
200
0
400
200
600
800
-
800
NormalOperatingRange
(seethe
sectioninthe
ApplicationsInformation)
InputDifferential
Voltage
Over-DrivenCondition
Over-DrivenCondition
OPA330
OPA2330
OPA4330
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, CL = 0pF, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
SETTLING TIME vs CLOSED-LOOP GAIN
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Figure 13.
Figure 14.
CURRENT AND VOLTAGE NOISE SPECTRAL DENSITY
0.1Hz TO 10Hz NOISE
vs FREQUENCY
Figure 15.
Figure 16.
INPUT BIAS CURRENT vs INPUT DIFFERENTIAL VOLTAGE
Figure 17.
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA330AIYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330AID TI-OPA330AID Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVR TI-OPA330AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVRG4 TI-OPA330AIDBVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVT TI-OPA330AIDBVT Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330AIDBVTG4 TI-OPA330AIDBVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA330AIYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com