Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54319RTE Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54319RTE
Description  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54319RTE Datasheet(HTML) 3 Page - Texas Instruments

  TPS54319RTE Datasheet HTML 1Page - Texas Instruments TPS54319RTE Datasheet HTML 2Page - Texas Instruments TPS54319RTE Datasheet HTML 3Page - Texas Instruments TPS54319RTE Datasheet HTML 4Page - Texas Instruments TPS54319RTE Datasheet HTML 5Page - Texas Instruments TPS54319RTE Datasheet HTML 6Page - Texas Instruments TPS54319RTE Datasheet HTML 7Page - Texas Instruments TPS54319RTE Datasheet HTML 8Page - Texas Instruments TPS54319RTE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS54319
www.ti.com
SLVSA83 – JUNE 2010
THERMAL INFORMATION
TPS54319
THERMAL METRIC(1)(2)
UNITS
RTE (16-PINS)
qJA
Junction-to-ambient thermal resistance (standard board)
51.7
qJA
Junction-to-ambient thermal resistance (custom board) (3)
37.0
yJT
Junction-to-top characterization parameter
0.8
yJB
Junction-to-board characterization parameter
19.2
°C/W
qJC(top)
Junction-to-case(top) thermal resistance
69.3
qJC(bottom)
Junction-to-case(bottom) thermal resistance
6.2
qJB
Junction-to-board thermal resistance
22
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. See power dissipation estimate in application section of this data sheet for more information.
(3)
Test boards conditions:
(a) 2 inches x 2 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer
(d) 4 thermal vias (10mil) located under the device package
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
2.95
6
V
Internal under voltage lockout threshold
2.6
2.8
V
Shutdown supply current
EN = 0 V, 25°C, 2.95 V
≤ VIN ≤ 6 V
2
5
mA
Quiescent Current - Iq
VSENSE = 0.9 V, VIN = 5 V, 25°C, RT = 400 k
360
575
mA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.25
V
Falling
1.18
Enable threshold + 50 mV
–4.6
Input current
mA
Enable threshold – 50 mV
–1.2
VOLTAGE REFERENCE (VSENSE PIN)
Voltage Reference
2.95 V
≤ VIN ≤ 6 V, 0°C <TJ < 85°C
0.802
0.827
0.852
V
MOSFET
BOOT-PH= 5 V
45
81
High side switch resistance
m
BOOT-PH= 2.95 V
64
110
VIN= 5 V
42
81
Low side switch resistance
m
VIN= 2.95 V
59
110
ERROR AMPLIFIER
Input current
7
nA
Error amplifier transconductance (gm)
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V
245
mmhos
Error amplifier transconductance (gm) during
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V,
79
mmhos
slow start
Vsense = 0.4 V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
+20
mA
–20
COMP to Iswitch gm
18
A/V
CURRENT LIMIT
Current limit threshold
3V
4.2
6.6
A
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
Hysteresis
15
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54319


Similar Part No. - TPS54319RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319RTE TI-TPS54319RTE Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTER TI-TPS54319RTER Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTET TI-TPS54319RTET Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54319RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com