Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54319 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54319
Description  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54319 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54319 Datasheet HTML 7Page - Texas Instruments TPS54319 Datasheet HTML 8Page - Texas Instruments TPS54319 Datasheet HTML 9Page - Texas Instruments TPS54319 Datasheet HTML 10Page - Texas Instruments TPS54319 Datasheet HTML 11Page - Texas Instruments TPS54319 Datasheet HTML 12Page - Texas Instruments TPS54319 Datasheet HTML 13Page - Texas Instruments TPS54319 Datasheet HTML 14Page - Texas Instruments TPS54319 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
O
0.827 V
R2 = R1
V
0.827 V
æ
ö
´ ç
÷
-
è
ø
TPS54319
www.ti.com
SLVSA83 – JUNE 2010
DETAILED DESCRIPTION
FIXED FREQUENCY PWM CONTROL
The TPS54319 uses an adjustable fixed frequency, peak current mode control. The output voltage is compared
through external resistors on the VSENSE pin to an internal voltage reference by an error amplifier which drives
the COMP pin. An internal oscillator initiates the turn on of the high side power switch. The error amplifier output
is compared to the high side power switch current. When the power switch current reaches the COMP voltage
level the high side power switch is turned off and the low side power switch is turned on. The COMP pin voltage
increases and decreases as the output current increases and decreases. The device implements a current limit
by clamping the COMP pin voltage to a maximum level and also implements a minimum clamp for improved
transient response performance.
SLOPE COMPENSATION AND OUTPUT CURRENT
The TPS54319 adds a compensating ramp to the switch current signal. This slope compensation prevents
sub-harmonic oscillations as duty cycle increases. The available peak inductor current remains constant over the
full duty cycle range.
BOOTSTRAP VOLTAGE (BOOT) AND LOW DROPOUT OPERATION
The TPS54319 has an integrated boot regulator and requires a small ceramic capacitor between the BOOT and
PH pin to provide the gate drive voltage for the high side MOSFET. The value of the ceramic capacitor should be
0.1 mF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or higher is
recommended because of the stable characteristics over temperature and voltage.
To improve drop out, the TPS54319 is designed to operate at 100% duty cycle as long as the BOOT to PH pin
voltage is greater than 2.2 V. The high side MOSFET is turned off using an UVLO circuit, allowing for the low
side MOSFET to conduct when the voltage from BOOT to PH drops below 2.2 V. Since the supply current
sourced from the BOOT pin is very low, the high side MOSFET can remain on for more switching cycles than are
required to refresh the capacitor, thus the effective duty cycle of the switching regulator is very high.
ERROR AMPLIFIER
The TPS54319 has a transconductance amplifier. The error amplifier compares the VSENSE voltage to the lower
of the SS/TR pin voltage or the internal 0.827 V voltage reference. The transconductance of the error amplifier is
245mA/V during normal operation. When the voltage of VSENSE pin is below 0.827 V and the device is
regulating using the SS/TR voltage, the gm is typically greater than 79 mA/V, but less than 245 mA/V. The
frequency compensation components are placed between the COMP pin and ground.
VOLTAGE REFERENCE
The voltage reference system produces a precise ±3.0% voltage reference over temperature by scaling the
output of a temperature-stable bandgap circuit. The bandgap and scaling circuits produce 0.827 V at the
non-inverting input of the error amplifier.
ADJUSTING THE OUTPUT VOLTAGE
The output voltage is set with a resistor divider from the output node to the VSENSE pin. It is recommended to
use divider resistors with 1% tolerance or better. Start with a 100 k
Ω for the R1 resistor and use the Equation 1
to calculate R2. To improve efficiency at very light loads consider using larger value resistors. If the values are
too high the regulator is more susceptible to noise and voltage errors from the VSENSE input current are
noticeable.
vertical spacer
vertical spacer
(1)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54319


Similar Part No. - TPS54319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTE TI-TPS54319RTE Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTER TI-TPS54319RTER Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTET TI-TPS54319RTET Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com