Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2330AIDRBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2330AIDRBT
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2330AIDRBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2330AIDRBT Datasheet HTML 3Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 4Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 5Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 6Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 7Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 8Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 9Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 10Page - Texas Instruments OPA2330AIDRBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
-50
250
200
150
100
50
0
50
100
150
200
250
-
-
-
-
-
-25
Temperature( C)
°
125
100
75
50
25
0
V =5.5V
S
V =1.8V
S
-IB
-IB
+I
B
+I
B
-50
25
20
15
10
5
0
-25
Temperature( C)
°
125
100
75
50
25
0
V =1.8V
S
V =5.5V
S
Time(50 s/div)
m
G=1
R =10k
W
L
Time(5 s/div)
m
G=+1
R =10k
W
L
0
0
Time(50 s/div)
m
Input
Output
10kW
1kW
OPA330
+2.5V
-2.5V
0
0
Time(50 s/div)
m
Input
Output
10kW
1kW
OPA330
+2.5V
-2.5V
OPA330
OPA2330
OPA4330
www.ti.com
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, CL = 0pF, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs TEMPERATURE
Figure 7.
Figure 8.
LARGE-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
Figure 9.
Figure 10.
POSITIVE OVER-VOLTAGE RECOVERY
NEGATIVE OVER-VOLTAGE RECOVERY
Figure 11.
Figure 12.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA2330AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2330AIDRBT TI-OPA2330AIDRBT Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA2330AIDRBTG4 TI-OPA2330AIDRBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA2330AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com