Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP694D08HT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP694D08HT1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694D08HT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP694D08HT1G Datasheet HTML 7Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 8Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 9Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 10Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 11Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 12Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 13Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 14Page - ON Semiconductor NCP694D08HT1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP694
http://onsemi.com
11
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
0.1
1.0
10.0
100
FREQUENCY (kHz)
Figure 24. PSRR vs. Frequency
Vout = 0.8 V
Vin = 1.8 V + 0.5 VPP Modulation
TA = 25°C
Cout = 4.7 mF
Iout = 1 A
Iout = 100 mA
0
10
20
30
40
50
60
70
80
90
0.1
1.0
10.0
100
Iout = 100 mA
Iout = 1 A
Vout = 1.5 V
Vin = 2.5 V + 0.5 VPP Modulation
TA = 25°C
Cout = 4.7 mF
FREQUENCY (kHz)
Figure 25. PSRR vs. Frequency
0
10
20
30
40
50
60
70
80
90
0.1
1.0
10.0
100
FREQUENCY (kHz)
Figure 26. PSRR vs. Frequency
Vout = 3.3 V
Vin = 4.3 V + 0.5 VPP Modulation
TA = 25°C
Cout = 4.7 mF
Iout = 1 A
Iout = 100 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−10 0
10
2030
4050
6070
80
90 100
0.78
0.79
0.80
0.81
0.82
0.83
0.84
TIME (ms)
Figure 27. Line Transient Response
Vout = 0.8 V
Vin = Step 1.8 to 2.8 V
Tr = Tf = 5 ms
Cout = 4.7 mF, Iout = 100 mA
TA = 25°C
Input Voltage
Output Voltage


Similar Part No. - NCP694D08HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694D08HT1G ONSEMI-NCP694D08HT1G Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
More results

Similar Description - NCP694D08HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com