Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117LPST50T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1117LPST50T3G
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117LPST50T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1117LPST50T3G Datasheet HTML 1Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 2Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 3Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 4Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 5Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 6Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 7Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 8Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP1117LP
http://onsemi.com
3
Table 3. ELECTRICAL CHARACTERISTICS (Cin = 10 mF, Cout = 10 mF, for typical value TA = 25°C, for min and max values TA is
the operating ambient temperature range that applies unless otherwise noted.)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Reference Voltage, Ad-
justable Output Devices
NCP1117−ADJ
TJ = 25°C
(Vin − Vout) = 1.5 V, Io = 10 mA
Vref
1.225
1.250
1.275
V
Output Voltage, Fixed
Output Devices
NCP1117−1.5
TJ = 25°C
3 V ≤ Vin ≤ 12 V, Io = 10 mA
Vout
1.470
1.5
1.530
V
NCP1117−1.8
TJ = 25°C
3.3 V ≤ Vin ≤ 12 V, Io = 10 mA
1.760
1.8
1.840
V
NCP1117−2.5
TJ = 25°C
4 V ≤ Vin ≤ 12 V, Io = 10 mA
2.450
2.5
2.550
V
NCP1117−3.3
TJ = 25°C
4.8 V ≤ Vin ≤ 12 V, Io = 10 mA
3.235
3.3
3.365
V
NCP1117−5.0
TJ = 25°C
6.5 V ≤ Vin ≤ 12 V, Io = 10 mA
4.900
5
5.100
V
Line Regulation,
Adjustable & Fixed
(Note 3)
NCP1117−XXX
TJ = 25°C
Vout + 1.5 V < Vin < 12 V,
Io = 10 mA
Regline
0.2
%
Load Regulation
(Note 3)
NCP1117−ADJ
TJ = 25°C
10 mA < Io < 1 A, Vin = 3.3 V
Regload
1
%
NCP1117−1.5
TJ = 25°C
10 mA < Io < 1 A, Vin = 3 V
12
15
mV
NCP1117−1.8
TJ = 25°C
10 mA < Io < 1 A, Vin = 3.3 V
15
18
mV
NCP1117−2.5
TJ = 25°C
10 mA < Io < 1 A, Vin = 4 V
20
25
mV
NCP1117−3.3
TJ = 25°C
10 mA < Io < 1 A, Vin = 4.7 V
26
33
mV
NCP1117−5.0
TJ = 25°C
10 mA < Io < 1 A, Vin = 6.5 V
40
50
mV
Dropout Voltage
(Vin – Vout),
Adjustable & Fixed
NCP1117−XXX
Iout = 1 A, TA = 25°C
DVout = Vout − 100 mV
1.3
1.4
V
Current Limit,
Adjustable & Fixed
NCP1117−XXX
Vin = 7 V, TA = 25°C
Iout
1.1
A
Minimum Load Current
(Note 4)
NCP1117−XXX
0°C ≤ Tj ≤ 125°C
ILmin
1
5
mA
Quiescent Current
NCP1117−fixed
Vin = 12 V
Io = 10 mA
IQFIX
550
700
mA
NCP1117−ADJ
IQADJ
30
50
mA
Thermal Regulation
(Note 5)
TA = 25°C, T = 30 ms pulse
0.008
0.04
%W
Ripple Rejection
NCP1117−XXX
F = 120 Hz, Cout = 25 mF tantalum,
Iout = 1 A, Vin = Vout + 3 V
RR
60
dB
Thermal Shutdown
NCP1117−XXX
Tshdn
165
°C
Thermal Hysteresis
NCP1117−XXX
Thyst
10
°C
3. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
4. Guaranteed by design.
5. Thermal Regulation is defined as the change in output voltage at a time after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a current pulse equal to Iomax at VIN = VIN + 1.5 V for T = 30 msec. Guaranteed by characterization.


Similar Part No. - NCP1117LPST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117LPST50T3G ONSEMI-NCP1117LPST50T3G Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
More results

Similar Description - NCP1117LPST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com