Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1218AD65R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1218AD65R2G
Description  PWM Controller with Adjustable Skip Level and External Latch Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1218AD65R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1218AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1218AD65R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCP1218
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 3. Supply Voltage Thresholds vs.
Junction Temperature
Figure 4. Inhibit Threshold Voltage vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
5
6
7
9
10
12
14
15
125
100
75
50
25
0
−25
−50
0
0.14
0.42
0.56
0.70
0.98
1.26
1.40
Figure 5. Inhibit Current vs. Junction
Temperature
Figure 6. Startup Current vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
100
120
140
180
220
240
280
300
125
100
75
50
25
0
−25
−50
10.0
10.5
11.5
12.0
12.5
13.5
14.0
15.0
Figure 7. Startup Current vs. Supply Voltage
Figure 8. Startup Circuit Leakage Current vs.
Junction Temperature
VCC, SUPPLY VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
18
16
10
8
6
4
2
0
0
2
4
6
8
10
14
16
125
100
75
50
25
0
−25
−50
0
3
9
12
18
21
27
30
150
8
11
13
150
0.28
0.84
1.12
Iinhibit = 500 mA
VCC(on)
VCC(MIN)
UVLO
VCC(reset)
150
160
200
260
VCC = 0 V
VHV = 60 V
VCC = VCC(on) − 0.5 V
150
11.0
13.0
14.5
12
14
20
12
VHV = 60 V
150
6
15
24
VHV = 60 V
VCC = 14 V


Similar Part No. - NCP1218AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP121 ONSEMI-NCP121 Datasheet
136Kb / 8P
   150 mA, High Accuracy, Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1212 ONSEMI-NCP1212 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1212 ONSEMI-NCP1212 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1218AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
   Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
logo
Maxim Integrated Produc...
MAX22201EVKIT MAXIM-MAX22201EVKIT Datasheet
1Mb / 11P
   Configurable for External PWM or Adjustable On-Board PWM Input
Rev 0; 1/21
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com