Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP690MN33T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP690MN33T2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP690MN33T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP690MN33T2G Datasheet HTML 1Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 2Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 3Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 4Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 5Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 6Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 7Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 8Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP690, NCP691, NCP692
http://onsemi.com
3
Figure 5. NCP690 Block Diagram (Fixed Version)
Figure 6. NCP691 Block Diagram (Fixed Version)
BANDGAP
REFERENCE
ENABLE
R2
R1
MOSFET
DRIVER WITH
CURRENT LIMIT
SNS
OUT
EN
IN
GND
THERMAL
SHUTDOWN
ACTIVE
DISCHARGE
LOGIC
BANDGAP
REFERENCE
ENABLE
R2
R1
MOSFET
DRIVER WITH
CURRENT LIMIT
SNS
OUT
N/C
IN
GND
THERMAL
SHUTDOWN
ACTIVE
DISCHARGE
LOGIC
Figure 7. NCP692 Block Diagram (Fixed Version)
BANDGAP
REFERENCE
ENABLE
R2
R1
MOSFET
DRIVER WITH
CURRENT LIMIT
SNS
OUT
EN
IN
GND
THERMAL
SHUTDOWN
ACTIVE
DISCHARGE
LOGIC
Table 1. PIN FUNCTION DESCRIPTION FOR FIXED VERSION
Pin No.
Pin Name
Description
1, 6
IN
Voltage inputs which supplies the current to the regulator. Both of these pins should be connected
together for full output current capability
2
GND
Power supply ground of the regulator. Connected to the die through the lead frame. Soldered to the
copper plane allows for effective heat removal.
3
EN
For NCP691 and NCP692 this pin functions as Enable Active Low and Enable Active High respect-
ively. For NCP690 this pin has no special meaning and should be left disconnected.
4
OUT
Regulated output voltage
5
SNS
Sense input. This pin should be connected directly to OUT pin.


Similar Part No. - NCP690MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690MN33T2G ONSEMI-NCP690MN33T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
More results

Similar Description - NCP690MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690_14 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com