Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP629FC30T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP629FC30T2G
Description  High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP629FC30T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP629FC30T2G Datasheet HTML 1Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 2Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 3Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 4Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 5Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 6Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 7Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 8Page - ON Semiconductor NCP629FC30T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP629
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature
(1.5 V Fixed Output, Vin = 2 V)
Figure 4. Output Voltage vs. Temperature
(1.5 V Fixed Output, Vin = 6 V)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
110
85
60
-40
35
10
-15
1.475
1.480
1.485
1.490
1.495
1.500
125
85
60
35
10
-15
-40
1.475
1.480
1.485
1.490
1.495
1.500
Figure 5. Output Voltage vs. Temperature
(3.0 V Fixed Output, Vin = 3.5 V)
Figure 6. Output Voltage vs. Temperature
(3.0 V Fixed Output, Vin = 6 V)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
125
85
60
35
10
-15
-40
2.975
2.980
2.985
2.990
2.995
3.000
3.005
125
110
85
60
35
10
-15
-40
2.970
2.985
2.990
2.995
3.005
125
Iout = 1.0 mA
Iout = 150 mA
110
Iout = 1.0 mA
Iout = 150 mA
110
Iout = 1.0 mA
Iout = 150 mA
3.000
2.980
Iout = 1.0 mA
Iout = 150 mA
2.975


Similar Part No. - NCP629FC30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623 ONSEMI-NCP623 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP623DM ONSEMI-NCP623DM Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623DM-28R2G ONSEMI-NCP623DM-28R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results

Similar Description - NCP629FC30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
logo
California Micro Device...
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
CM1205-16CP CALMIRCO-CM1205-16CP Datasheet
167Kb / 7P
   ESD Protection Arrays, Chip Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com