Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP508MN18TBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP508MN18TBG
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508MN18TBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP508MN18TBG Datasheet HTML 3Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 4Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 5Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 6Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 7Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 8Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 9Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 10Page - ON Semiconductor NCP508MN18TBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP508
http://onsemi.com
7
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
02
4
6
8
10
12
Vin, INPUT VOLTAGE (V)
Figure 17. Output Voltage vs. Input Voltage
Iout = 1.0 mA to
50 mA
VEN = Vin
Vout = 1.5 V
Cin = Cout = 1 mF
TA = 25°C
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
02
46
8
10
12
Iout = 1.0 mA to
50 mA
VEN = Vin
Vout = 3.3 V
Cin = Cout = 1 mF
TA = 25°C
Vin, INPUT VOLTAGE (V)
Figure 18. Output Voltage vs. Input Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.05
0.1
0.15
0.2
0.25
0.3
Vin = 2.5 V
VEN = Vin
Vout = 1.5 V
Cin = Cout = 1 mF
TA = 25°C
Iout, OUTPUT CURRENT (A)
Figure 19. Output Voltage vs. Output Current
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0
0.05
0.1
0.15
0.2
0.25
0.3
Vin = 4.3 V
VEN = Vin
Vout = 3.3 V
Cin = Cout = 1 mF
TA = 25°C
Iout, OUTPUT CURRENT (A)
Figure 20. Output Voltage vs. Output Current
Iout, OUTPUT CURRENT (mA)
Figure 21. Equivalent Series Resistance vs.
Output Current, X7R, MLCC Capacitor
Region of Instability
Region of Stability
Cin = Cout = 1 mF
TA = 25°C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
50


Similar Part No. - NCP508MN18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508MT15TBG ONSEMI-NCP508MT15TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT18TBG ONSEMI-NCP508MT18TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT25TBG ONSEMI-NCP508MT25TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT28TBG ONSEMI-NCP508MT28TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT30TBG ONSEMI-NCP508MT30TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
More results

Similar Description - NCP508MN18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508_11 Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com