Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP508 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP508
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP508 Datasheet HTML 7Page - ON Semiconductor NCP508 Datasheet HTML 8Page - ON Semiconductor NCP508 Datasheet HTML 9Page - ON Semiconductor NCP508 Datasheet HTML 10Page - ON Semiconductor NCP508 Datasheet HTML 11Page - ON Semiconductor NCP508 Datasheet HTML 12Page - ON Semiconductor NCP508 Datasheet HTML 13Page - ON Semiconductor NCP508 Datasheet HTML 14Page - ON Semiconductor NCP508 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
NCP508
http://onsemi.com
15
PACKAGE DIMENSIONS
WDFN6 1.5x1.5, 0.5P
CASE 511BJ−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30mm FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
C
A
SEATING
PLANE
D
E
0.10 C
A3
A
A1
2X
2X
0.10 C
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
E
e
L
PIN ONE
REFERENCE
0.05 C
0.05 C
A
0.10 C
NOTE 3
L2
e
b
B
3
6
6X
1
4
0.05 C
MOUNTING FOOTPRINT*
L1
1.50 BSC
1.50 BSC
0.50 BSC
0.40
0.60
---
0.15
BOTTOM VIEW
L
5X
DIMENSIONS: MILLIMETERS
0.73
6X
0.35
5X
1.80
0.50
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL B
DETAIL A
L2
0.50
0.70
TOP VIEW
B
SIDE VIEW
NOTE 4
RECOMMENDED
0.83
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NCP508/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP508

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5080 ONSEMI-NCP5080 Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP5080MUTXG ONSEMI-NCP5080MUTXG Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP508MT15TBG ONSEMI-NCP508MT15TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT18TBG ONSEMI-NCP508MT18TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT25TBG ONSEMI-NCP508MT25TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
More results

Similar Description - NCP508

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508_11 Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com