Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBVSBA027LU1TAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBVSBA027LU1TAG
Description  2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSBA027LU1TAG Datasheet(HTML) 5 Page - ON Semiconductor

  NBVSBA027LU1TAG Datasheet HTML 1Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 2Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 3Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 4Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 5Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 6Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 7Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NBVSBAXXX Series
http://onsemi.com
5
Table 7. PHASE NOISE PERFORMANCE
Parameter
Characteristic
Condition
011
027
018
017
015
024
026
Units
122.88
MHZ
148.50
MHz
155.52
MHz
156.25
MHZ
200.00
MHz
622.08
MHZ
644.53
MHZ
fNOISE
Output
Phase−Noise
Performance
100 Hz offset
−90
−90
−90
−90
−87
−80
−86
dBc/Hz
1 kHz offset
−118
−118
−116
−116
−114
−106
−107
dBc/Hz
10 kHz offset
−127
−127
−126
−126
−125
−117
−116
dBc/Hz
100 kHz offset
−127
−127
−126
−126
−125
−117
−116
dBc/Hz
1 MHz offset
−134
−134
−134
−134
−132
−122
−125
dBc/Hz
10 MHz offset
−160
−160
−160
−160
−158
−150
−150
dBc/Hz
Table 8. RELIABILITY COMPLIANCE
Parameter
Standard
Method
Shock
Mechanical
MIL−STD−833, Method 2002, Condition B
Solderability
Mechanical
MIL−STD−833, Method 2003
Vibration
Mechanical
MIL−STD−833, Method 2007, Condition A
Solvent Resistance
Mechanical
MIL−STD−202, Method 215
Thermal Shock
Environment
MIL−STD−833, Method 1011, Condition A
Moisture Level Sensitivity
Environment
MSL1 260°C per IPC/JEDEC J−STD−020D
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QIN
Q
IN
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VDD − 2.0 V
NBVSXXXXX
260
217
175
150
Temperature (°C)
temp. 260°C
20 − 40 sec. max.
Time
60180 sec.
3°C/sec. max.
cooling
6°C/sec. max.
60150 sec.
reflow
peak
pre−heat
ramp−up
Figure 4. Recommended Reflow Soldering Profile


Similar Part No. - NBVSBA027LU1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA015LN1TAG ONSEMI-NBVSPA015LN1TAG Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
More results

Similar Description - NBVSBA027LU1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
   LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXSBA046 ONSEMI-NBXSBA046 Datasheet
126Kb / 6P
   2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXHGA019 ONSEMI-NBXHGA019 Datasheet
116Kb / 6P
   2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com