Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2533F32RHAT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533F32RHAT
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533F32RHAT Datasheet(HTML) 4 Page - Texas Instruments

  CC2533F32RHAT Datasheet HTML 1Page - Texas Instruments CC2533F32RHAT Datasheet HTML 2Page - Texas Instruments CC2533F32RHAT Datasheet HTML 3Page - Texas Instruments CC2533F32RHAT Datasheet HTML 4Page - Texas Instruments CC2533F32RHAT Datasheet HTML 5Page - Texas Instruments CC2533F32RHAT Datasheet HTML 6Page - Texas Instruments CC2533F32RHAT Datasheet HTML 7Page - Texas Instruments CC2533F32RHAT Datasheet HTML 8Page - Texas Instruments CC2533F32RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CC2533
SWRS087 – JUNE 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3
3.9
V
–0.3
VDD + 0.3,
Voltage on any digital pin
V
≤ 3.9
Input RF level
10
dBm
Storage temperature range
–40
125
°C
All pads, according to human-body model, JEDEC STD 22, method
2
kV
A114
ESD(2)
According to charged-device model, JEDEC STD 22, method C101
500
V
All pads excluding RF pads, according to machine model, JEDEC STD
200
V
22, method A115
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD-sensitive device. Precautions should be used when handling the device in order to prevent permanent damage.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
125
°C
Operating supply voltage
2
3.6
V
ELECTRICAL CHARACTERISTICS
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Digital regulator on. 16-MHz RCOSC running. No radio,
crystals, or peripherals active.
3.6
mA
Medium CPU activity: normal flash access(1), no RAM access
32-MHz XOSC running. No radio or peripherals active.
6.6
7.7
mA
Medium CPU activity: normal flash access(1), no RAM access
32-MHz XOSC running, radio in RX mode, –50-dBm input
21.6
mA
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in RX mode at –100-dBm input
25.1
29.8
mA
power (waiting for signal), no peripherals active, CPU idle
32-MHz XOSC running, radio in TX mode, 0-dBm output
28.5
mA
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in TX mode, 4.5-dBm output
Icore
Core current consumption
32.3
40.6
mA
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in boost mode TX, 7-dBm output
38.8
mA
power, no peripherals active, CPU idle
Power mode 1. Digital regulator on; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, BOD,
0.2
0.3
mA
and sleep timer active; RAM and register retention
Power mode 2. Digital regulator off; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, and
1
1.5
mA
sleep timer active; RAM and register retention
Power mode 3. Digital regulator off; no clocks; POR active;
0.4
0.7
mA
RAM and register retention
During reset with supply voltage of 1.2 V
54
mA
(1)
Normal flash access means that the code used exceeds the cache storage, so cache misses happen frequently.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CC2533


Similar Part No. - CC2533F32RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533F32RHAT TI-CC2533F32RHAT Datasheet
757Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
More results

Similar Description - CC2533F32RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533 TI-CC2533_12 Datasheet
879Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2533 TI-CC2533_11 Datasheet
757Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com