Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1810BP07B200E Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 1810BP07B200E
Description  1810 MHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

1810BP07B200E Datasheet(HTML) 2 Page - Johanson Technology Inc.

  1810BP07B200E Datasheet HTML 1Page - Johanson Technology Inc. 1810BP07B200E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1810 MHz Band Pass Filter
P/N 1810BP07B200
Detail Specification: 06/21/06
Page 2 of 2
Typical Electrical Performance (T=25°C)
S(2,2)
S(1,1)
S(2,1)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
))
)
))
))
))
))
))
))
))))))
))
))
))))))))
)
))
))
))
))
))
)
)
))
))
))
))
))
))
))))))
))
))
))))))))
)
))
))
))
))
))
)
))
))
))))
))
))
))
))
))
))
))))))
))
))
))))))))
)
))
))
))
))
))
)
))
))))
)
))))))))))))))))))))
)
))
))
))
))
))
))
))))))
))
))
))))))))
)
))
))
))
))
))
)
)
))
))
))
))
))
))
))))))
))
))
))))))))
)
))
))
))
))
))
)
)
)))))))))))
)
1.0
1.5
2.0
2.5
3.0
3.5
0.5
4.0
-50
-40
-30
-20
-10
-60
0
freq, GHz


Similar Part No. - 1810BP07B200E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1810BP07B200 JOHANSON-1810BP07B200 Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
   1810 MHz Band Pass Filter
More results

Similar Description - 1810BP07B200E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
   1810 MHz Band Pass Filter
1810BP07C200 JOHANSON-1810BP07C200 Datasheet
127Kb / 2P
   1810 MHz Band Pass Filter
1810BP07C200T JOHANSON-1810BP07C200T Datasheet
127Kb / 2P
   1810 MHz Band Pass Filter
1810LP07B200 JOHANSON-1810LP07B200 Datasheet
114Kb / 2P
   1810 MHz Low Pass Filter
1810LP07B200T JOHANSON-1810LP07B200T Datasheet
204Kb / 2P
   1810 MHz Low Pass Filter
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
   2450 MHz Band Pass Filter
2450BP14E0100 JOHANSON-2450BP14E0100 Datasheet
125Kb / 2P
   2450 MHz Band Pass Filter
2450BP15E0100 JOHANSON-2450BP15E0100 Datasheet
129Kb / 2P
   2450 MHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com