Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L572M Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB6L572M
Description  2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L572M Datasheet(HTML) 8 Page - ON Semiconductor

  NB6L572M Datasheet HTML 1Page - ON Semiconductor NB6L572M Datasheet HTML 2Page - ON Semiconductor NB6L572M Datasheet HTML 3Page - ON Semiconductor NB6L572M Datasheet HTML 4Page - ON Semiconductor NB6L572M Datasheet HTML 5Page - ON Semiconductor NB6L572M Datasheet HTML 6Page - ON Semiconductor NB6L572M Datasheet HTML 7Page - ON Semiconductor NB6L572M Datasheet HTML 8Page - ON Semiconductor NB6L572M Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NB6L572M
http://onsemi.com
8
VCC
LVPECL
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
NB6L572M
VCC
VCC
CML
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
VCC
VT = VCC
Figure 12. LVPECL Interface
Figure 13. LVDS Interface
VT = VCC − 2.0 V
Figure 14. Standard 50 W Load CML Interface
VCC
LVDS
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
VCC
VT = OPEN
GND
GND
GND
GND
GND
GND
VCC
Differential
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
VCC
VT =
VREFAC*
Figure 15. Capacitor−Coupled Differential
Interface (VT Connected to External VREFAC)
GND
GND
*VREFAC bypassed to ground with a 0.01 mF capacitor.
CLKx
CLKx
NB6L572M
NB6L572M
NB6L572M
Figure 16. Typical CML Output Structure
and Termination (VCC = 2.5 V or 3.3 V)
VCCO
50 W
50 W
16 mA
50 W
50 W
VCC (Receiver)
GND
Figure 17. Alternative Output Termination
(VCC = 2.5 V, Only)
VCC = 2.5 V
50 W
50 W
16 mA
GND
50 W
50 W
Q
Q
Q
Q
Receiver
NB6L572M
NB6L572M
50 W
GND
DEVICE ORDERING INFORMATION
Device
Package
Shipping
NB6L572MMNG
QFN−32
(Pb−Free)
74 Units / Rail
NB6L572MMNR4G
QFN−32
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB6L572M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
   Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
NB6L56MNG ONSEMI-NB6L56MNG Datasheet
139Kb / 10P
   Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
NB6L56MNTXG ONSEMI-NB6L56MNTXG Datasheet
139Kb / 10P
   Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
More results

Similar Description - NB6L572M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com