Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S830HA Datasheet(PDF) 4 Page - ON Semiconductor

Part # N64S830HA
Description  64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S830HA Datasheet(HTML) 4 Page - ON Semiconductor

  N64S830HA Datasheet HTML 1Page - ON Semiconductor N64S830HA Datasheet HTML 2Page - ON Semiconductor N64S830HA Datasheet HTML 3Page - ON Semiconductor N64S830HA Datasheet HTML 4Page - ON Semiconductor N64S830HA Datasheet HTML 5Page - ON Semiconductor N64S830HA Datasheet HTML 6Page - ON Semiconductor N64S830HA Datasheet HTML 7Page - ON Semiconductor N64S830HA Datasheet HTML 8Page - ON Semiconductor N64S830HA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev. K | Page 4 of 15 | www.onsemi.com
N64S830HA
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 100pF
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
Min.
Max.
Units
Clock Frequency
fCLK
20
MHz
Clock Rise Time
tR
2us
Clock Fall Time
tF
2us
Clock High Time
tHI
25
ns
Clock Low Time
tLO
25
ns
Clock Delay Time
tCLD
25
ns
CS Setup Time
tCSS
25
ns
CS Hold Time
tCSH
50
ns
CS Disable Time
tCSD
25
ns
SCK to CS
tSCS
5ns
Data Setup Time
tSU
10
ns
Data Hold Time
tHD
10
ns
Output Valid From Clock Low
tV
25
ns
Output Hold Time
tHO
0
ns
Output Disable Time
tDIS
20
ns
HOLD Setup Time
tHS
10
ns
HOLD Hold Time
tHH
10
ns
HOLD Low to Output High-Z
tHZ
10
ns
HOLD High to Output Valid
tHV
50
ns


Similar Part No. - N64S830HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HA ONSEMI-N64S830HA Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S830HAS22I ONSEMI-N64S830HAS22I Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S830HAS22IT ONSEMI-N64S830HAS22IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S830HAT22I ONSEMI-N64S830HAT22I Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S830HAT22IT ONSEMI-N64S830HAT22IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
More results

Similar Description - N64S830HA

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A_10 Datasheet
788Kb / 24P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00I RENESAS-R1EX24008ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com