Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S818HA Datasheet(PDF) 15 Page - ON Semiconductor

Part # N64S818HA
Description  64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S818HA Datasheet(HTML) 15 Page - ON Semiconductor

Back Button N64S818HA Datasheet HTML 7Page - ON Semiconductor N64S818HA Datasheet HTML 8Page - ON Semiconductor N64S818HA Datasheet HTML 9Page - ON Semiconductor N64S818HA Datasheet HTML 10Page - ON Semiconductor N64S818HA Datasheet HTML 11Page - ON Semiconductor N64S818HA Datasheet HTML 12Page - ON Semiconductor N64S818HA Datasheet HTML 13Page - ON Semiconductor N64S818HA Datasheet HTML 14Page - ON Semiconductor N64S818HA Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Rev. J | Page 15 of 15 | www.onsemi.com
N64S818HA
Ordering Information
Part Number
Power Supply
Package
Shipping Method
N64S818HAS21I
1.8V
8-Pin SOIC (RoHS Compliant)
Tray
N64S818HAT21I
1.8V
8-Pin TSSOP (RoHS Compliant)
Tray
N64S818HAS21IT
1.8V
8-Pin SOIC (RoHS Compliant)
Tape & Reel
N64S818HAT21IT
1.8V
8-Pin TSSOP (RoHS Compliant)
Tape & Reel
Revision History
Revision #
Date
Change Description
A
October 2005
Initial advance release
B
January 2006
Separated density, removed write protection and added page and burst modes
C
January 2006
Changed packages to green type
D
January 2006
Changed TSSOP pinout to match SOIC
E
September 2006
Split x8 and x16 devices
Converted to AMI Semiconductor
F
May 2007
Updated DC parameters
G
October 2007
Maximum frequency changed to 16MHz for 1.8V device
H
January 2008
Removed ADVANCE from datasheet
Changed AMIS address
Change to Status Register Bit #1 - must be set to ‘1’
I
July 2008
Converted to ON Semiconductor and new part numbers
J
September 2008
Change to WRITE Status Register Bit #1 - must be set to ‘0’
Change to READ Status Register
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
PO Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
N. American Technical Support: 800-282-9855 Toll
Free USA/Canada
Europe, Middle East & Africa Technical Support: Phone
421-33-790-2910
Japan Customer Focus Center:
Phone 81-3-5773-3850
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does
SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer's technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as
components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure
of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative
Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - N64S818HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N64S818HAS21I ONSEMI-N64S818HAS21I Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N64S818HAS21IT ONSEMI-N64S818HAS21IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N64S818HAT21I ONSEMI-N64S818HAT21I Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N64S818HAT21IT ONSEMI-N64S818HAT21IT Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
More results

Similar Description - N64S818HA

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S830HA ONSEMI-N64S830HA Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A_10 Datasheet
788Kb / 24P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00I RENESAS-R1EX24008ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com