Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N01L63W2A Datasheet(PDF) 8 Page - ON Semiconductor

Part # N01L63W2A
Description  1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01L63W2A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button N01L63W2A Datasheet HTML 2Page - ON Semiconductor N01L63W2A Datasheet HTML 3Page - ON Semiconductor N01L63W2A Datasheet HTML 4Page - ON Semiconductor N01L63W2A Datasheet HTML 5Page - ON Semiconductor N01L63W2A Datasheet HTML 6Page - ON Semiconductor N01L63W2A Datasheet HTML 7Page - ON Semiconductor N01L63W2A Datasheet HTML 8Page - ON Semiconductor N01L63W2A Datasheet HTML 9Page - ON Semiconductor N01L63W2A Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev.
9 | Page 8 of 10 | www.onsemi.com
N01L63W2A
44-Lead TSOP II Package (T44)
Note:
1. All dimensions in inches (Millimeters)
2. Package dimensions exclude molding flash
18.41±0.13
10.16±0.13
SEE DETAIL B
1.10±0.15
11.76±0.20
0.45
0.30
0.80mm REF
DETAIL B
0.80mm REF
0o-8o
0.20
0.00


Similar Part No. - N01L63W2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB25I ONSEMI-N01L63W3AB25I Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB25IT ONSEMI-N01L63W3AB25IT Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB5I ONSEMI-N01L63W3AB5I Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB5IT ONSEMI-N01L63W3AB5IT Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
More results

Similar Description - N01L63W2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com