Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA1-B-018-M-9 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # DA1-B-018-M-9
Description  DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DA1-B-018-M-9 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  DA1-B-018-M-9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DA1-B-018-M-9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DA1-B-018-M-9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DA1-B-018-M-9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DA1-B-018-M-9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DA1-B-018-M-9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DA1-B-018-M-9 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Japan Aviation Electronics Industry, Limited
1-19, Aobadai 3-chome, Meguro-ku
Tokyo 153-8539, Japan
Telephone: 03-3780-2736
Fax: 03-3780-2883
JAE Electronics, Inc.
142 Technology Drive, Suite 100
Irvine, California 92618-2430, U.S.A.
Telephone: 949-753-2600
Fax: 949-753-2699
800-523-7278 Toll free in the U.S.A.
JAE Europe
Coliseum Business Centre
Riverside Way, Camberley
Surrey, GU15 3YL, England
Telephone: 44-1276-404000
Fax: 44-1276-404010
JAE Taiwan, Ltd.
4F-1, No. 88, Chung Hsiao E. Rd.
Sec. 2, Taipei, Taiwan, R.O.C.
Telephone: 886-2-2396-7676
Fax: 886-2-2392-5929
JAE Hong Kong, Ltd.
Suites 1407-11, 14/F, Tower 2, The Gateway,
25 Canton Road, Tsimshatsui, Kowloon, Hong Kong
Telephone: 852-2723-7782
Fax: 852-2723-9028
JAE Korea, Inc.
1602, Korea City Air Tower
159-9 Samsung-Dong, Kangnam-ku
Seoul, 135-973, Korea
Telephone: 82-2-551-8959
Fax: 82-2-551-8958
JAE Philippines, Inc.
PEZA Zone, Gateway Business Park, Javalera
General Trias, 4107 Cavite, Philippines
Telephone: 63-46-433-0285
Fax: 63-46-433-0287
JAE Singapore Pte., Ltd.
33 Tannery Lane, #02-01 Hoesteel
Industrial Building
Singapore 347789
Telephone: 65-6748-1332
Fax: 65-6748-2920
JAE Shanghai Co., Ltd.
RM 1407, Shanghai Mart 2299 Yanan Rd.
West Shanghai 200336 P.R.C.
Telephone: 86-21-6236-0322
Fax: 86-21-6236-1292
“Building Technologies
to Connect Your World”
Printed in the U.S.A. 10M807TA SF3


Similar Part No. - DA1-B-018-M-9

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
DA1-B0-34-450-121 CARLINGTECH-DA1-B0-34-450-121 Datasheet
1Mb / 8P
   Circuit Breaker
More results

Similar Description - DA1-B-018-M-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Japan Aviation Electron...
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
FI-SEB20P-HFE JAE-FI-SEB20P-HFE Datasheet
375Kb / 9P
   FI SERIES CONNECTORS - 1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
FI-X JAE-FI-X Datasheet
312Kb / 8P
   FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
logo
List of Unclassifed Man...
IL-S-2S-S2C2 ETC1-IL-S-2S-S2C2 Datasheet
604Kb / 3P
   2.0mm (.079) Contact Spocing, PCB-to-Cable (Crimp Type) Connectors
logo
Molex Electronics Ltd.
1050801001 MOLEX11-1050801001 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Battery Connector with Fitting Nail, SMT, Contact Width 0.60mm(.024")
0476040001 MOLEX6-0476040001 Datasheet
110Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.60mm (.024"), 4 Circuits
1050750001 MOLEX11-1050750001 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.60mm (.024"), 4 Circuits, Lead-free
0474800001 MOLEX6-0474800001 Datasheet
121Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.60mm (.024"), 4 Circuits, Lead-free
logo
Japan Aviation Electron...
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com