Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-WMA1 Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-WMA1
Description  FI SERIES CONNECTORS - 1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-WMA1 Datasheet(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd.

  FI-WMA1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-WMA1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
58
Dimensions and specifications subject to change without notice.
7.4 (.291)
3.7
(.146)
0.2
(.008)
3.44
(.135)
3.72
(.147)
8.8 (.347)
7.4 (.291)
3.7
(.146)
6.95
(.274)
0.2
(.008)
3.44
(.135)
3.44
(.135)
3.65
(.144)
8.15
(.321)
3.7
(.146)
3.72
(.147)
3.65
(.144)
FPC
FPC
DOUBLE ROW
Board Side Receptacle
Discrete Wire, Shielded
21, 31, 41 Sizes
FI-W*S
Cable Side Plug
Right Angle, Unshielded
21, 31, 41 Sizes
FI-W*P-HFE
Right Angle, Shielded
21, 31, 41 Sizes
FI-WE*P-HFE
Straight, Shielded
21, 31 Sizes
FI-TWE*P*-VFE
Socket Contact
FI-C3-A1-15000
FPC Right Angle, Shielded
21, 31 Sizes
FI-W*MA1
FPC Straight, Shielded
21, 31 Sizes
FI-WE*MVA1
FI SERIES CONNECTORS
1.25mm (.049") Contact Spacing, Connector for PCB-to-Cable


Similar Part No. - FI-WMA1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-WE21MA1 JAE-FI-WE21MA1 Datasheet
143Kb / 1P
   COUNTERPART CONNECTOR
FI-WE31MA1 JAE-FI-WE31MA1 Datasheet
143Kb / 1P
   COUNTERPART CONNECTOR
More results

Similar Description - FI-WMA1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-S6P-HFE JAE-FI-S6P-HFE Datasheet
383Kb / 9P
   1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
FI-X JAE-FI-X Datasheet
312Kb / 8P
   FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Japan Aviation Electron...
DA1 JAE-DA1 Datasheet
321Kb / 7P
   DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
FI-X30HL-T JAE-FI-X30HL-T Datasheet
312Kb / 8P
   1.00mm (.039) Contact Spacing, Connector for PCB-to-Cable
logo
EXCEL CELL ELECTRONIC C...
EBW-CK22 ECE-EBW-CK22 Datasheet
204Kb / 3P
   1.25mm Contact Spacing, Board to Wire SMT Connectors
EBW-PK26 ECE-EBW-PK26 Datasheet
157Kb / 3P
   1.25mm Contact Spacing, Board To Wire Header Connectors
logo
Molex Electronics Ltd.
0510901000 MOLEX7-0510901000 Datasheet
98Kb / 2P
   1.25mm (.049
logo
Japan Aviation Electron...
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com