Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6504VFABDG6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6504VFABDG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6504VFABDG6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6504VFABDG6F Datasheet HTML 3Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 4Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 5Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 6Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 7Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 8Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 9Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 10Page - STMicroelectronics STM6504VFABDG6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Description
Doc ID 16101 Rev 5
7/29
Table 2.
Signal names
Symbol
Input/
output
Description
RST
Output
Open-drain reset output, active-low.
BLD
Output
Battery low detect output, active-low, open-drain. STM6505 only.
SR0
Input
Primary push-button Smart Reset input. Active-low, with or without internal
65 k
Ω pull-up to VCC (product options).
SR1
Input
Secondary push-button Smart Reset input - combines with the primary push-
button reset to provide setup delay time before reset. Active-low, with or without
internal 65 k
Ω pull-up to VCC (product options).
SRE
Input
Secondary push-button Smart Reset input - provides instant Smart Reset. SRE
is edge-triggered with a special debounce time (tDEBOUNCE = 240 ms min.) at
the falling edge after a valid reset period. Active-high, no internal pull-up to VCC.
STM6504 only.
SRC
Input
Smart Reset input delay setup control: connect to an external capacitor to adjust
the delay setup time (tSRC). STM6502 and STM6505 only.
TSR
Input
A three-state Smart Reset input delay setup control. When connected to
ground, tSRC = 2 s; when left open, tSRC = 6 s; when connected to VCC,
tSRC = 10 s (all times are minimum). TSR is a DC-type input, intended to be
either permanently grounded, permanently connected to VCC or permanently
left open. If left open, for improved system glitch immunity it is strongly
recommended to connect a 0.1 µF decoupling ceramic capacitor between the
TSR and VSS pins. STM6503 and STM6504 only.
VCC
Supply
Supply voltage input. Power supply for the device and an input for the monitored
supply voltage. A 0.1 µF decoupling ceramic capacitor is recommended to be
connected between the VCC and VSS pins.
VBAT
Input
Battery voltage monitoring input. STM6505 only.
VSS
Supply
Ground
NC
No connect (not bonded); should be connected to VSS.


Similar Part No. - STM6504VFABDG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Similar Description - STM6504VFABDG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com