Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE340 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE340
Description  Plastic Medium?뭁ower NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE340 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE340 Datasheet HTML 1Page - ON Semiconductor MJE340 Datasheet HTML 2Page - ON Semiconductor MJE340 Datasheet HTML 3Page - ON Semiconductor MJE340 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJE340
http://onsemi.com
3
IC, COLLECTOR CURRENT (AMP)
7.0
10
0.02 0.03
0.1
4.0
0.01
1.0
0.7
0.5
0.1
0.05
0.3
0.5
0.2
150°C
TJ = 25°C
−55 °C
Figure 4. DC Current Gain
Figure 5. “On” Voltage
2.0
IC, COLLECTOR CURRENT (AMP)
1.6
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
5.0
0.3
0.2
1.2
0.8
t, TIME OR PULSE WIDTH (ms)
0.01
0.01
0.03
1.0
2.0
5.0
10
20
50
100
200
0.1
0.5
0.2
1.0
0.2
0.1
0.05
qJC(t) = r(t) qJC
qJC = 3.12°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
Figure 6. Thermal Response
0.5
D = 0.5
0.1
0.01
0.3
0.7
0.07
0.03
0.02
3.0
2.0
1.0
3.0
2.0
VCE = 1.0 Vdc
VCE(sat) @ IC/IB = 10
0.01 0.02
0.05
4.0
0.005
0.03
0.2 0.3
0.1
0.5
2.0 3.0
1.0
0.02
0.05
0.3
3.0
500
1000
0.02
0.05
0.2
IC, COLLECTOR CURRENT (mAdc)
TJ = 150°C
+25 °C
VCE = 10 V
VCE = 2.0 V
−55 °C
Figure 7. DC Current Gain
300
10
200
100
1.0
2.0
3.0
5.0
10
20
30
500
70
50
7.0
50
70
100
200
300
+100°C
30
20


Similar Part No. - MJE340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE340 MOTOROLA-MJE340 Datasheet
117Kb / 4P
   0.5 AMPERE POWER TRANSISTOR NPN SILICON 300 VOLTS 20 WATTS
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
66Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJE340 FAIRCHILD-MJE340 Datasheet
37Kb / 4P
   High Voltage General Purpose Applications
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
502Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
April 2003
logo
Savantic, Inc.
MJE340 SAVANTIC-MJE340 Datasheet
98Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJE340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
BD676 ONSEMI-BD676 Datasheet
59Kb / 4P
   Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
2N5302 ONSEMI-2N5302_06 Datasheet
92Kb / 5P
   High?뭁ower NPN Silicon Transistor
March, 2006??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com