Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP196BMNR4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100EP196BMNR4G
Description  3.3 V ECL Programmable Delay Chip With FTUNE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196BMNR4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC100EP196BMNR4G Datasheet HTML 4Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 5Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 6Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 8Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 9Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 10Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 11Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC100EP196B
http://onsemi.com
8
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 7)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
90
115
170
100
140
170
100
145
175
mA
VOH
Output HIGH Voltage (Note 8)
2155 2280 2405 2155 2280 2405 2155 2280 2405
mV
VOL
Output LOW Voltage (Note 8)
1355 1480 1605 1355 1480 1605 1355 1480 1605
mV
VIH
Input HIGH Voltage (Single−Ended)
LVPECL
CMOS
TTL
2075
2000
2000
2420
3300
3300
2075
2000
2000
2420
3300
3300
2075
2000
2000
2420
3300
3300
mV
VIL
Input LOW Voltage (Single−Ended)
LVPECL
CMOS
TTL
1355
0
0
1675
800
800
1490
0
0
1675
800
800
1490
0
0
1675
800
800
mV
VBB
ECL Output Voltage Reference
1775 1875 1975 1775 1875 1975 1775 1875 1975
mV
VCF
LVTTL Mode Input Detect Voltage
1.4
1.5
1.6
1.4
1.5
1.6
1.4
1.5
1.6
V
VEF
Reference Voltage for ECL Mode Connection
1900 2020 2150 1900 2020 2150 1900 2020 2150
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 9)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current (@ VIH)
0
150
0
150
0
150
mA
IIL
Input LOW Current (@ VIL)
IN, IN
0
150
0
150
0
150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −0.3 V.
8. All loading with 50 W to VCC − 2.0 V.
9. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC100EP196BMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196BMNR4G ONSEMI-MC100EP196BMNR4G Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results

Similar Description - MC100EP196BMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com