Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT4052A Datasheet(PDF) 8 Page - ON Semiconductor

Part No. MC74HCT4052A
Description  Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HCT4052A Datasheet HTML 4Page - ON Semiconductor MC74HCT4052A Datasheet HTML 5Page - ON Semiconductor MC74HCT4052A Datasheet HTML 6Page - ON Semiconductor MC74HCT4052A Datasheet HTML 7Page - ON Semiconductor MC74HCT4052A Datasheet HTML 8Page - ON Semiconductor MC74HCT4052A Datasheet HTML 9Page - ON Semiconductor MC74HCT4052A Datasheet HTML 10Page - ON Semiconductor MC74HCT4052A Datasheet HTML 11Page - ON Semiconductor MC74HCT4052A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
8
Figure 7c. Typical On Resistance, VCC − VEE = 4.5 V
Figure 7d. Typical On Resistance, VCC − VEE = 6.0 V
120
100
80
60
40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
75
60
45
30
15
0
1.0
2.0
3.0
4.0
5.0
6.0
3.5
4.5
5.5
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
20
0
25
°C
-55
°C
125
°C
25
°C
-55
°C
125
°C
90
105
0
0.5
1.5
2.5
Figure 7e. Typical On Resistance, VCC − VEE = 9.0 V
01
70
60
50
40
30
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
20
10
2
3
4
5
67
89
25
°C
-55
°C
125
°C
80
0
Figure 7f. Typical On Resistance, VCC − VEE = 12.0 V
01
60
50
40
30
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
20
10
23
4
8
9
10
11
12
25
°C
-55
°C
125
°C
0
5
7
6
Figure 8. On Resistance Test Set−Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
+
-
VEE
ANALOG IN
COMMON OUT
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn