Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT4052A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74HCT4052A
Description  Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT4052A Datasheet HTML 1Page - ON Semiconductor MC74HCT4052A Datasheet HTML 2Page - ON Semiconductor MC74HCT4052A Datasheet HTML 3Page - ON Semiconductor MC74HCT4052A Datasheet HTML 4Page - ON Semiconductor MC74HCT4052A Datasheet HTML 5Page - ON Semiconductor MC74HCT4052A Datasheet HTML 6Page - ON Semiconductor MC74HCT4052A Datasheet HTML 7Page - ON Semiconductor MC74HCT4052A Datasheet HTML 8Page - ON Semiconductor MC74HCT4052A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
5
DC CHARACTERISTICS − Analog Section
Symbol
Parameter
Condition
VCC
VEE
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
Ron
Maximum “ON” Resistance
Vin = VIL or VIH; VIS = VCC to
VEE; IS ≤ 2.0 mA
(Figures 7, 8)
4.5
4.5
6.0
0.0
−4.5
−6.0
190
120
100
240
150
125
280
170
140
W
Vin = VIL or VIH; VIS = VCC or
VEE (Endpoints); IS ≤ 2.0 mA
(Figures 7, 8)
4.5
4.5
6.0
0.0
−4.5
−6.0
150
100
80
190
125
100
230
140
115
DRon
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH;
VIS = 1/2 (VCC − VEE);
IS ≤ 2.0 mA
4.5
4.5
6.0
0.0
−4.5
−6.0
30
12
10
35
15
12
40
18
14
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC − VEE;
Switch Off (Figure 3)
6.0
−6.0
0.1
0.5
1.0
mA
Maximum Off−Channel HCT4051A
Leakage Current,
HCT4052A
Common Channel
HCT4053A
Vin = VIL or VIH;
VIO = VCC − VEE;
Switch Off (Figure 10)
6.0
6.0
6.0
−6.0
−6.0
−6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
Ion
Maximum On−Channel HCT4051A
Leakage Current,
HCT4052A
Channel−to−Channel
HCT4053A
Vin = VIL or VIH;
Switch−to−Switch =
VCC − VEE; (Figure 11)
6.0
6.0
6.0
−6.0
−6.0
−6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn