Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRB2545CT Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MBRB2545CT
Description  SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MBRB2545CT Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBRB2545CT
http://onsemi.com
2
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(Rated VR, TC = 164°C) Total Device
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Rated VR, Square Wave,
20 kHz, TC = 160°C)
IFRM
30
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0
ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Value
Unit
Thermal Resistance,− Junction−to−Case
− Junction−to−Ambient (Note 2)
RqJC
RqJA
1.5
50
°C/W
2. When mounted using minimum recommended pad size on FR−4 board.
ELECTRICAL CHARACTERISTICS (Per Diode)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VF
Instantaneous Forward Voltage
(Note 3)
IF = 15 Amp, TJ = 25°C
IF = 15 Amp, TJ = 125°C
IF = 30 Amp, TJ = 25°C
IF = 30 Amp, TJ = 125°C
0.50
0.65
0.62
0.57
0.82
0.72
V
IR
Instantaneous Reverse Current
(Note 3)
VR = 45 Volts, TJ = 25°C
VR = 45 Volts, TJ = 125°C
9.0
0.2
25
mA
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
MBRB2545CT
D2PAK
50 Units / Rail
MBRB2545CTG
D2PAK
(Pb−Free)
50 Units / Rail
MBRB2545CTT4
D2PAK
800 Units / Tape & Reel
MBRB2545CTT4G
D2PAK
(Pb−Free)
800 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn