Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRB2545CT Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MBRB2545CT
Description  SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MBRB2545CT Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 10
1
Publication Order Number:
MBRB2545CT/D
MBRB2545CT
Preferred Device
SWITCHMODE]
Power Rectifier
D2PAK Surface Mount Power Package
The D2PAK Power Rectifier is a state−of−the−art device that
employs the Schottky Barrier principle with a platinum barrier metal.
Features
Center−Tap Configuration
Guardring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Short Heat Sink Tab Manufactured − Not Sheared
Similar in Size to the Industry Standard TO−220 Package
Pb−Free Packages are Available
Mechanical Characteristics
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 1.7 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL1 Requirements
ESD Ratings: Machine Model, C (>400 V)
Human Body Model, 3B (>8000 V)
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES, 45 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
1
3
4
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
D2PAK
CASE 418B
STYLE 3
3
4
1
MARKING DIAGRAM
B2545G
AKA
A
= Assembly Location
Y
= Year
WW
= Work Week
B2545
= Device Code
G
= Pb−Free Package
AKA
= Diode Polarity
AY WW


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn