Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6504SEAADG6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6504SEAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6504SEAADG6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6504SEAADG6F Datasheet HTML 6Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 7Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 8Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 9Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 10Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 11Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 12Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 13Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Description
STM6502, STM6503, STM6504, STM6505
10/29
Doc ID 16101 Rev 5
1.2
Pin descriptions
1.2.1
Power supply (VCC)
This pin is used to provide the power to the device and to monitor the power supply.
A 0.1 µF decoupling ceramic capacitor is recommended to be connected between the VCC
and VSS pins.
1.2.2
Ground (VSS)
This is the supply ground for the device.
1.2.3
Primary Smart Reset input (SR0)
The primary push-button Smart Reset input, active-low pin is connected to the first push-
button switch.
1.2.4
Secondary Smart Reset input (SR1)
The secondary push-button Smart Reset input, active-low pin is connected to the second
push-button switch. Keeping both Smart Reset inputs SR0 and SR1 active for longer than
tSRC activates the reset output pulse.
Figure 7.
STM6502, STM6503 timing
Reset is asserted “low” right after the Smart Reset setup delay (tSRC) has been met and
returns to high after the tREC period.
AM00327
RST
SR0
SR1
tSRC
tREC


Similar Part No. - STM6504SEAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Similar Description - STM6504SEAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com