Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR-143-50-0003 Datasheet(PDF) 2 Page - CW Industries

Part # CWR-143-50-0003
Description  PCB Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

CWR-143-50-0003 Datasheet(HTML) 2 Page - CW Industries

  CWR-143-50-0003 Datasheet HTML 1Page - CW Industries CWR-143-50-0003 Datasheet HTML 2Page - CW Industries CWR-143-50-0003 Datasheet HTML 3Page - CW Industries CWR-143-50-0003 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
Contact
Sharp points
allow contact
to pierce tough insulation
materials
Contact tines are firmly
connected
to the body of
the contact
No “bare shoulders”
on
the contact at the PC board
interface.
Spring temper, phosphor
bronze material resists
breakage during bending
or straightening
operations
One tail length
can be
used with 1/8 in. or 1/16 in.
PC boards
Rounded tip provides
lead-in
to mate with PC
board holes
PCB Connector Featur es
10, 20, 26, 34, 40, 50, 60, pin versions
Tin-lead plating, standard; gold plating also available
Available with or without strain relief lip
Available with or without cover lip for cable end or daisy
chain application
Rugged, lightweight UL 94V-0 thermoplastic construction
Accepts 28-30 AWG stranded or solid conductors
Str ain Relief
A molded-in strain relief is an optional feature on CW PCB
connectors. (Specify CWR-140 or CWR-143 series). This
lip, upon installation of the cover, creates a strain relief
bend in the cable, inhibiting the transfer of any tension on
the cable to the contact lines.
Cover Lip
For additional protection on cable end terminations, the
CW PCB connector is available with a cover lip to insulate
the ends of the cable’s conductors. This eliminates
possible “shorts” and allows you to position connectors
more closely on your PC board. (Specify CWR-140 or
CWR-141 series).
Assembly
To terminate CW PCB connectors to flat cable, use
CT301 86/81 assembly press. The cable is applied directly
to the IDC contacts in the connector base
and then the cover
is assembled.


Similar Part No. - CWR-143-50-0003

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-130-14-0000 CWIND-CWR-130-14-0000 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0001 CWIND-CWR-130-14-0001 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0002 CWIND-CWR-130-14-0002 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0003 CWIND-CWR-130-14-0003 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-16-0000 CWIND-CWR-130-16-0000 Datasheet
265Kb / 4P
   DIP Connectors
More results

Similar Description - CWR-143-50-0003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
   PCB CONNECTORS
logo
Precid-Dip Durtal SA
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
   PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
   PCB CONNECTORS
861 PREDIP-861 Datasheet
119Kb / 3P
   PCB CONNECTORS
346-87-164-41-036101 PREDIP-346-87-164-41-036101 Datasheet
22Kb / 3P
   PCB CONNECTORS
499-87-264-10-003101 PREDIP-499-87-264-10-003101 Datasheet
23Kb / 3P
   PCB CONNECTORS
801-87-005-10-001101 PREDIP-801-87-005-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
801-87-012-10-001101 PREDIP-801-87-012-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com