Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV809STRG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV809STRG
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV809STRG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV809STRG Datasheet HTML 1Page - ON Semiconductor NCV809STRG Datasheet HTML 2Page - ON Semiconductor NCV809STRG Datasheet HTML 3Page - ON Semiconductor NCV809STRG Datasheet HTML 4Page - ON Semiconductor NCV809STRG Datasheet HTML 5Page - ON Semiconductor NCV809STRG Datasheet HTML 6Page - ON Semiconductor NCV809STRG Datasheet HTML 7Page - ON Semiconductor NCV809STRG Datasheet HTML 8Page - ON Semiconductor NCV809STRG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX809 Series, MAX810 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS TA = −40°C to +105°C unless otherwise noted. Typical values are at TA = +25°C. (Note 3)
Characteristic
Symbol
Min
Typ
Max
Unit
VCC Range
TA = 0°C to +70°C
TA = −40°C to +105°C
1.0
1.2
5.5
5.5
V
Supply Current
VCC = 3.3 V
TA = −40°C to +85°C
TA = 85°C to +105°C
VCC = 5.5 V
TA = −40°C to +85°C
TA = 85°C to +105°C
ICC
0.5
0.8
1.2
2.0
1.8
2.5
mA
Reset Threshold (Vin Decreasing) (Note 4)
VTH
V
MAX809SN490
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
4.83
4.78
4.66
4.9
4.97
5.02
5.14
MAX8xxLTR, MAX8xxSQ463
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
4.56
4.50
4.40
4.63
4.70
4.75
4.86
MAX809HTR
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
4.48
4.43
4.32
4.55
4.62
4.67
4.78
MAX8xxMTR, MAX8xxSQ438
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
4.31
4.27
4.16
4.38
4.45
4.49
4.60
MAX809JTR, MAX8xxSQ400
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
3.94
3.90
3.80
4.00
4.06
4.10
4.20
MAX8xxTTR, MAX809SQ308
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
3.04
3.00
2.92
3.08
3.11
3.16
3.24
MAX8xxSTR, MAX8xxSQ293
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
2.89
2.85
2.78
2.93
2.96
3.00
3.08
MAX8xxRTR, MAX8xxSQ263
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
2.59
2.56
2.49
2.63
2.66
2.70
2.77
MAX809SN232, MAX809SQ232
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
2.28
2.25
2.21
2.32
2.35
2.38
2.45
MAX809SN160
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
1.58
1.56
1.52
1.60
1.62
1.64
1.68
MAX809SN120, MAX8xxSQ120
TA = +25°C
TA = −40°C to +85°C
TA = +85°C to +105°C
1.18
1.17
1.14
1.20
1.22
1.23
1.26
3. Production testing done at TA = 25°C, over temperature limits guaranteed by design.
4. Contact your ON Semiconductor sales representative for other threshold voltage options.


Similar Part No. - NCV809STRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV809STRG ONSEMI-NCV809STRG Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
NCV809STRG ONSEMI-NCV809STRG Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
More results

Similar Description - NCV809STRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com