Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF37NC-34DS-0.4V51 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF37NC-34DS-0.4V51
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37NC-34DS-0.4V51 Datasheet(HTML) 4 Page - Hirose Electric

  DF37NC-34DS-0.4V51 Datasheet HTML 1Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 2Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 3Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 4Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 5Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 6Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF37NC-34DS-0.4V51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
114
DF37 Seriesq0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
Note 1: Tape and reel packaging (8,000 pieces/reel).
Order by number of reels.
Note 2: This connector is NOT polarized.
sHeaders
B
P=0.4
A
0.15
Vacuum pick-up area : C
0.58(With metal fittings only)
qWith metal fittings
RoHS
YES
Part Number
DF37B-10DP-0.4V(51)
DF37B-16DP-0.4V(51)
DF37B-20DP-0.4V(51)
DF37B-24DP-0.4V(51)
DF37B-30DP-0.4V(51)
DF37B-34DP-0.4V(51)
DF37B-40DP-0.4V(51)
DF37B-50DP-0.4V(51)
DF37B-60DP-0.4V(51)
DF37B-70DP-0.4V(51)
DF37B-74DP-0.4V(51)
CL No.
CL684-3037-0-51
CL684-3057-7-51
CL684-3008-1-51
CL684-3009-4-51
CL684-3010-3-51
CL684-3064-2-51
CL684-3011-6-51
CL684-3012-9-51
CL684-3013-1-51
CL684-3014-4-51
CL684-3071-8-51
Number of Contacts
10
16
20
24
30
34
40
50
60
70
74
A
3.14
4.34
5.17
5.94
7.14
7.94
9.14
11.14
13.14
15.14
15.94
B
1.6
2.8
3.6
4.4
5.6
6.4
7.6
9.6
11.6
13.6
14.4
C
0.8
1.2
1.6
2
2
2.4
2.4
2.8
3.2
3.6
4
D
2.62
3.82
4.62
5.42
6.62
7.42
8.62
10.62
12.62
14.62
15.42
All dimensions: mm
E
3.38
4.58
5.38
6.18
7.38
8.18
9.38
11.38
13.38
15.38
16.18
qWithout metal fittings
RoHS
Part Number
DF37C-10DP-0.4V(51)
DF37C-16DP-0.4V(51)
DF37C-20DP-0.4V(51)
DF37C-24DP-0.4V(51)
DF37C-30DP-0.4V(51)
DF37C-34DP-0.4V(51)
DF37C-40DP-0.4V(51)
DF37C-50DP-0.4V(51)
DF37C-60DP-0.4V(51)
DF37C-70DP-0.4V(51)
DF37C-74DP-0.4V(51)
CL No.
CL684-3039-5-51
CL684-3058-0-51
CL684-3024-8-51
CL684-3025-0-51
CL684-3026-3-51
CL684-3085-2-51
CL684-3027-6-51
CL684-3028-9-51
CL684-3029-1-51
CL684-3030-0-51
CL684-3073-3-51
Number of Contacts
10
16
20
24
30
34
40
50
60
70
74
A
3.14
4.34
5.17
5.94
7.14
7.94
9.14
11.14
13.14
15.14
15.94
B
1.6
2.8
3.6
4.4
5.6
6.4
7.6
9.6
11.6
13.6
14.4
C
0.8
1.2
1.6
2
2
2.4
2.4
2.8
3.2
3.6
4
All dimensions: mm
YES
BRecommended metal mask dimensions
E+0.05
0
D 0
-0.05
B±0.02
P=0.4±0.02
0.23±0.02
B±0.02
P=0.4±0.02
0.23±0.02
BRecommended PCB mounting pattern
E+0.05
0
D 0
-0.05
B±0.02
P=0.4±0.02
0.23±0.02
P=0.4±0.02
B±0.02
0.23±0.02
With metal fittings
Without metal fittings
With metal fittings
Without metal fittings
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF37NC-34DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37NC-34DS-0.4V51 HIROSE-DF37NC-34DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results

Similar Description - DF37NC-34DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com